Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V35TS35GGI Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IDT70V35TS35GGI
Description  HIGH-SPEED 3.3V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IDT70V35TS35GGI Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IDT70V35TS35GGI Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT70V35TS35GGI Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT70V35TS35GGI Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT70V35TS35GGI Datasheet HTML 9Page - List of Unclassifed Manufacturers IDT70V35TS35GGI Datasheet HTML 10Page - List of Unclassifed Manufacturers IDT70V35TS35GGI Datasheet HTML 11Page - List of Unclassifed Manufacturers IDT70V35TS35GGI Datasheet HTML 12Page - List of Unclassifed Manufacturers IDT70V35TS35GGI Datasheet HTML 13Page - List of Unclassifed Manufacturers IDT70V35TS35GGI Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
6.42
IDT70V35/34S/L
(IDT70V25/24S/L)
High-Speed 3.3V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
Waveform of Read Cycles(5)
NOTES:
1. Timing depends on which signal is asserted last,
OE, CE, LB, or UB.
2. Timing depends on which signal is de-asserted first,
CE, OE, LB, or UB.
3. tBDD delay is required only in case where opposite port is completing a write operation to the same address location for simultaneous read operations
BUSY
has no relation to valid output data.
4. Start of valid data depends on which timing becomes effective last tABE
, tAOE, tACE, tAA or tBDD.
5.
SEM = VIH.
tRC
R/
W
CE
ADDR
tAA
OE
UB, LB
5624 drw 08
(4)
tACE
(4)
tAOE
(4)
tABE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3,4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
AC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range for 70V35/34(4)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL, UB or LB = VIL, and SEM = VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL.
4. 'X' in part number indicates power rating (S or L).
70V35/34X15
Com'l Only
70V35/34X20
Com'l
& Ind
70V35/34X25
Com'l Only
Unit
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
25
____
ns
tAA
Address Access Time
____
15
____
20
____
25
ns
tACE
Chip Enable Access Time(3)
____
15
____
20
____
25
ns
tABE
Byte Enable Access Time(3)
____
15
____
20
____
25
ns
tAOE
Output Enable Access Time(3)
____
10
____
12
____
13
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time
(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
12
____
15
ns
tPU
Chip Enable to Power Up Time (1,2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(1,2)
____
15
____
20
____
25
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)10
____
10
____
10
____
ns
tSAA
Semaphore Address Access(3)
____
15
____
20
____
25
ns
5624 tbl 11


Similar Part No. - IDT70V35TS35GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35TSGGI IDT-IDT70V35TSGGI Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V35TS35GGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-772L AVAGO-ACPL-772L Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Micrel Semiconductor
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
logo
Toshiba Semiconductor
TLP2066 TOSHIBA-TLP2066 Datasheet
192Kb / 6P
   High Speed Interface 3.3V Supply Voltage
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com