Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C752-6 Datasheet(PDF) 2 Page - API Technologies Corp

Part # C752-6
Description  Octave Band and Broadband
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

C752-6 Datasheet(HTML) 2 Page - API Technologies Corp

  C752-6 Datasheet HTML 1Page - API Technologies Corp C752-6 Datasheet HTML 2Page - API Technologies Corp C752-6 Datasheet HTML 3Page - API Technologies Corp C752-6 Datasheet HTML 4Page - API Technologies Corp C752-6 Datasheet HTML 5Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
hybrids
SpectrumMicrowave.com 1.603.459.1600
All dimensions shown in decimal inches (mm). Specifications subject to change without notice.
For mounting instructions, additional specifications or other products, visit us online or contact the factory.
1
Maximum loss is the actual dissipative loss and
reflective loss due to VSWR. It does NOT include
coupling loss.
2
Unbalance is measured as the difference between
the coupled and mainline output ports from the
mean coupling at each frequency.
Part
Number*
DC751
2375-1
DC752
2375-2
DC752E
DC754
2375-4
2375-7
2375-9
Frequency
(GHz)
0.5-1
0.5-2
1-2
1-4
1.3-2.6
4-8
4-12.4
1-18
2-18
Insertion Loss1
Max. (dB)
0.15
0.4
0.2
0.4
0.2
0.3
0.4
0.8 (1-6 GHz)
1.2 (6-12 GHz)
1.6 (12-18 GHz)
0.6 (2-6 GHz)
1.0 (6-12.4 GHz)
1.25 (12.4-18 GHz)
VSWR Max.
1.1:1
1.15:1
1.1:1
1.25:1
1.15:1
1.25:1
1.35:1
1.50:1
1.45:1
Isolation
Min. (dB)
25
24
25
22
25
20
18
15
20
20
16
Deviation from
Phase Quadrature Typ. (°)
±1.5
±2.0
±1.5
±3.0
±2.0
±2.0
±5.0
±10.0
±8.0
100
50
100
50
100
100
50
50
50
3.0
1.5
3.0
1.5
3.0
3.0
1.5
1.5
1.5
Power Handling
Average @ 1GHz (W)
Peak (kW)
Outline
A
A
A
A
A
A
A
B
B
3 dB 90° Crossover Hybrid Couplers
• SMA connectors
• Unbalance: 1 dB Max.2 Except 2375-7
and -9 at 2.2 dB Max.
• Meets MIL-E-5400 Class 3 or equivalent
• Screenable to MIL-P-23971 or equivalent
Part
Number*
Dim. A
Dim. B
3.27 (83,1)
1.84 (46,7)
1.57 (39,9)
1.06 (26,9)
5.36 (136,1)
2.97 (75,4)
1.31 (33,3)
3.13 (79,5)
1.70 (43,2)
1.43 (36,3)
.92 (23,4)
5.22 (132,6)
2.83 (71,9)
1.17 (29,7)
DC751
DC752
DC752E
DC754
2375-1
2375-2
2375-4
Part
Number*
Dim. A
Dim. B
2.53 (64,3)
2.03 (51,6)
2.03 (51,6)
1.53 (38,9)
2375-7
2375-9


Similar Part No. - C752-6

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C752-6 APITECH-C752-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752-6 APITECH-C752-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752-6 APITECH-C752-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752-6 APITECH-C752-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752-6 APITECH-C752-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results

Similar Description - C752-6

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND
DC754 APITECH-DC754 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
C753-30 APITECH-C753-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER SPECIFICATION OCTAVE BAND
logo
Extech Instruments Corp...
407790 EXTECH-407790 Datasheet
898Kb / 18P
   Real Time Octave Band Analyzer
logo
RF Micro Devices
UMS-1200-A16-G RFMD-UMS-1200-A16-G Datasheet
261Kb / 3P
   OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
logo
API Technologies Corp
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
   QUADRATURE HYBRID MULTI-OCTAVE BAND
DC752E APITECH-DC752E Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
logo
RF Micro Devices
UMS-1400-A16-G RFMD-UMS-1400-A16-G Datasheet
261Kb / 3P
   OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-200-R16-G RFMD-UMS-200-R16-G Datasheet
260Kb / 3P
   OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-800-A16-G RFMD-UMS-800-A16-G Datasheet
261Kb / 3P
   OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com