Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T369A105J035AS Datasheet(PDF) 2 Page - Kemet Corporation

Part # T369A105J035AS
Description  TANTALUM DIPPED / RADIAL ??POLAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T369A105J035AS Datasheet(HTML) 2 Page - Kemet Corporation

  T369A105J035AS Datasheet HTML 1Page - Kemet Corporation T369A105J035AS Datasheet HTML 2Page - Kemet Corporation T369A105J035AS Datasheet HTML 3Page - Kemet Corporation T369A105J035AS Datasheet HTML 4Page - Kemet Corporation T369A105J035AS Datasheet HTML 5Page - Kemet Corporation T369A105J035AS Datasheet HTML 6Page - Kemet Corporation T369A105J035AS Datasheet HTML 7Page - Kemet Corporation T369A105J035AS Datasheet HTML 8Page - Kemet Corporation T369A105J035AS Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TANTALUM DIPPED / RADIAL - POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES “ULTRADIP II”
62
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
The KEMET ‘UltraDip II’ Capacitors offer the designer of quality
instruments and entertainment systems the widely recognized
advantages inherent in solid tantalum capacitors at competitive
prices.
The ‘UltraDip II’ Series, miniature dipped solid tantalum capacitors,
provide the designer with the advantage of compactness plus low
leakage and low DF performance characteristics for filtering,
bypassing, coupling, blocking and RC timing circuits. This series fea-
tures a capacitance range from 0.1 to 680 microfarads at voltages
from 3 to 50 VDC. ‘UltraDip II’ capacitors utilize the same sophisti-
cated materials and processes which have advanced KEMET
Electronics Corporation to the leadership position in solid tantalum
capacitors.
The plastic case provides a tough barrier coating and maintains pre-
cision of lead wire spacing within ±0.015 inch. The gold color epoxy
utilized permits Laser marking with outstanding permanency and
legibility. All case sizes are printed with capacitance, voltage, polar-
ity and vendor identification.
Solid tantalum devices exhibit no degradation failure mode during
shelf storage and show a constantly decreasing failure rate (i.e.,
absence of wearout mechanism) during life tests.
The ‘UltraDip II’ Series provides self-insulating cases which are
resistant to shock and vibration. These capacitors exhibit low DCL,
ESR and Impedance and have excellent temperature stability.
CAPACITOR OUTLINE DRAWINGS
.50
±.05
Lead Spacing
See Note 2
Max.
D
Max.
D
H
Max.
**.02
(0.5)
.10
(2.54)
H
Max.
H
Max.
H
Max.
D
.02
(0.5)
.02
(0.5)
.02
(0.5)
.187
±.032
(4.75
±.81)
Max.
D
.187
±.032
(4.75
±.81)
.20
(5.08)
.20
(5.08)
.250
(6.35)
Max.
H
Max.
H
.187
±.032
(4.75
±.81)
.250
±.025
(6.35
±.64)
Max.
D
Max.
D
Max.
D
Max.
H
.187
±.032
(4.75
±.81)
Max.
H
.187
±.032
(4.75
±.81)
Max.
H
.187
±.032
(4.75
±.81)
.125
(3.18)
.20
(5.08)
*Lead Tolerance =
± .015 (± .38 mm)
** All Lead Diameters = .02
± .002 (0.5 ± .05 mm)
T350
T351
T353
T354
T355
T356
T352
DIMENSIONS — INCHES (MILLIMETERS)
All
T350
T351
T352
T353
T354
T355
T356
Case
D
H(1)
H(1)
H(1)
H(1)
H(1)
H(1)
H(1)
Size
Max Diameter
Max Height
Max Height
Max Height
Max Height
Max Height
Max Height
Max Height
A
.175 (4.5)
.280 (7.1)
.380 (9.6)
.400 (10.2)
.400 (10.2)
.340 (8.6)
.340 (8.6)
.340 (8.6)
B
.175 (4.5)
.300 (7.6)
.390 (9.9)
.410 (10.4)
.410 (10.4)
.350 (8.9)
.350 (8.9)
.350 (8.9)
C
.196 (5.0)
.330 (8.4)
.420 (10.7)
.440 (11.2)
.440 (11.2)
.380 (9.6)
.380 (9.6)
.380 (9.6)
D
.196 (5.0)
.340 (8.6)
.430 (10.9)
.450 (11.4)
.450 (11.4)
.390 (9.9)
.390 (9.9)
.390 (9.9)
E
.216 (5.5)
.350 (8.9)
.440 (11.2)
.460 (11.7)
.460 (11.7)
.400 (10.2)
.400 (10.2)
.400 (10.2)
F
.236 (6.0)
.390 (9.9)
.480 (12.2)
.500 (12.7)
.500 (12.7)
.440 (11.2)
.440 (11.2)
.440 (11.2)
G
.250 (6.3)
.400 (10.2)
.490 (12.4)
.510 (13.0)
.510 (13.0)
.450 (11.4)
.450 (11.4)
.450 (11.4)
H
.300 (7.6)
.400 (10.2)
.500 (12.7)
.520 (13.2)
.520 (13.2)
.470 (11.9)
.470 (11.9)
.470 (11.9)
J(2)
.330 (8.4)
.500 (12.7)
.580 (14.7)
.550 (14.0)
.550 (14.0)
K(2)
.350 (8.9)
.530 (13.5)
.630 (16.0)
.610 (15.5)
.610 (15.5)
L(2)
.350 (8.9)
.630 (16.0)
Note 3
Note 3
.730 (18.5)
.710 (18.1)
Note 3
.710 (18.1)
M(2)
.400 (10.2)
.670 (17.0)
.760 (19.3)
.740 (18.8)
.740 (18.8)
NOTES: (1) All “H” Dimensions are from Capacitor seating plane to top of Capacitor.
(2) On T350 Series, case sizes A-H are supplied with .100”(2.54) lead spacing—case sizes J-M are supplied with .200”(5.08) lead spacing.
(3) These case sizes are not available for T351, T352 & T355 capacitors.
LEAD CONFIGURATION & SPACING CHART
LEAD
SERIES
CASE
CONFIGURATION
T350
T351
T352
T353
T354
T355
T356
.100
X
X
.125
X
.200
X
X
X
.250
X
A-H
STRAIGHT LEAD
X
STAND OFF
X
X
X
X
X
SNAP-IN
X
.100
.125
.200
X
X
X
.250
X
J-M
STRAIGHT LEAD
X
STAND OFF
X
X
SNAP-IN
X
T350
T351
T353
T354
T355
T356
T352
Effective June 30, 2005 the T35x Series is RoHS compliant.


Similar Part No. - T369A105J035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T369A105J035AS KEMET-T369A105J035AS Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
More results

Similar Description - T369A105J035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T350G106K035AS KEMET-T350G106K035AS Datasheet
376Kb / 13P
   TANTALUM DIPPED/RADIAL-POLAR
T350A105M035AS KEMET-T350A105M035AS Datasheet
138Kb / 10P
   TANTALUM DIPPED / RADIAL - POLAR
T350A105M035AT KEMET-T350A105M035AT Datasheet
382Kb / 13P
   TANTALUM DIPPED / RADIAL ??POLAR
T368 KEMET-T368 Datasheet
102Kb / 2P
   TANTALUM DIPPED/RADIAL
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Kemet Corporation
T35XA105M035AS KEMET-T35XA105M035AS Datasheet
504Kb / 13P
   Tantalum Through-Hole Capacitors ??Radial Dipped
logo
Cornell Dubilier Electr...
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Dubilier
SH DUBILIER-SH Datasheet
243Kb / 3P
   TANTALUM DIPPED
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com