Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73C2A1K0LTG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RN73C2A1K0LTG
Description  SMD High Power Precision Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN73C2A1K0LTG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RN73C2A1K0LTG Datasheet HTML 1Page - List of Unclassifed Manufacturers RN73C2A1K0LTG Datasheet HTML 2Page - List of Unclassifed Manufacturers RN73C2A1K0LTG Datasheet HTML 3Page - List of Unclassifed Manufacturers RN73C2A1K0LTG Datasheet HTML 4Page - List of Unclassifed Manufacturers RN73C2A1K0LTG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Sizes 0603
E24
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
E24 3 Digit Marking - Example: 101=100Ω 102=1KΩ
Code
E96
Code
E96
Code
E96
Code
E96
01
100
25
178
49
316
73
562
02
102
26
182
50
324
74
576
03
105
27
187
51
332
75
590
04
107
28
191
52
340
76
604
05
110
29
196
53
348
77
619
06
113
30
200
54
357
78
634
07
115
31
205
55
365
79
649
08
118
32
210
56
374
80
665
09
121
33
215
57
383
81
681
10
124
34
221
58
392
82
698
11
127
35
226
59
402
83
715
12
130
36
232
60
412
84
732
13
133
37
237
61
422
85
750
14
137
38
243
62
432
86
768
15
140
39
249
63
442
87
787
16
143
40
255
64
453
88
806
17
147
41
261
65
464
89
825
18
150
42
267
66
475
90
845
19
154
43
274
67
487
91
866
20
158
44
280
68
499
92
887
21
162
45
287
69
511
93
909
22
165
46
294
70
523
94
931
23
169
47
301
71
536
95
953
24
174
48
309
72
549
96
976
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
100
101
102
103
104
105
106
107
10-1
10-2
10-3
0603 E96 Marking Code Table
E96 3 Digit Marking - Examples: 14C=13K7Ω, 13C=13K3Ω, 68B=4K99Ω, 68X=49.9Ω
Dimensions
Part Number
L
W
H
D
d
Weight (g) 1000 pieces
RN73 1E (0402)
1.00+/-0.05
0.50+/-0.05
0.30+/-0.05
0.20+/-0.10
0.20+/-0.10
0.54
RN73 1J (0603)
1.55+/-0.10
0.80+/-0.10
0.45+/-0.10
0.30+/-0.20
0.30+/-0.20
1.83
RN73 2A (0805)
2.00+/-0.15
1.25+/-0.15
0.55+/-0.10
0.30+/-0.20
0.40+/-0.25
4.71
RN73 2B (1206)
3.05+/-0.15
1.55+/-0.15
0.55+/-0.10
0.42+/-0.20
0.35+/-0.25
9.02
RN73 2E (1210)
3.10+/-0.15
2.40+/-0.15
0.55+/-0.10
0.40+/-0.20
0.55+/-0.25
10
RN73 2H (2010)
4.90+/-0.15
2.40+/-0.15
0.55+/-0.10
0.60+/-0.30
0.50+/-0.25
23.61
RN73 3A (2512)
6.30+/-0.15
3.10+/-0.15
0.55+/-0.10
0.60+/-0.30
0.50+/-0.25
38.08
Marking Codes - Case Sizes 0805 to 2512
Resistance:
100Ω
2.2KΩ
10KΩ
49.9KΩ
100KΩ
Marking Code:
1000
2201
1002
4992
1003
IEC 4 Digit Marking
L
D
W
H
d
SMD High Power Precision Resistors
Type RN73 Series
1773270 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
14C


Similar Part No. - RN73C2A1K0LTG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73C2A1K0LTG ETC2-RN73C2A1K0LTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results

Similar Description - RN73C2A1K0LTG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RN73C2A1K0BTG MACOM-RN73C2A1K0BTG Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com