Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWS5504-S14 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWS5504-S14
Description  GaAs IC High Power Positive Control SPDT Reflective Switch DC-2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5504-S14 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWS5504-S14 Datasheet HTML 1Page - ANADIGICS, Inc AWS5504-S14 Datasheet HTML 2Page - ANADIGICS, Inc AWS5504-S14 Datasheet HTML 3Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AWS5504-S14
GaAs IC High Power Positive Control
SPDT Reflective Switch DC-2.0 GHz
Advanced Product Information
Rev. 1
FEATURES
• High Linearity (IP3 55 dBm @ 0.9 GHz)
• Low Insertion Loss (0.35 dB @ 0.9 GHz)
• +3 V to +5 V Operation
• Low DC Power Consumption
• Ultra Miniature SOT-6 Package
DESCRIPTION
The AWS5504 is a Single Pole Double Throw (SPDT) GaAs
MMIC switch assembled in a SOT-6 plastic package. The
AWS5504 is designed for analog and digital applications that
require low insertion loss, high linearity, and small size. The
switch can be controlled with positive, negative, or a
combination of both voltages.
Typical applications include: transmit/receive switch,
diversity switching, and antenna selection.
S14
SOT-6
6 Pin Plastic Package
ELECTRICAL SPECIFICATIONS AT 25 °C (0, +5V)
OPERATING CHARACTERISTICS AT 25° C (0, +5V)
1. All measurements made in a 50 ohm system, unless other specified.
2. DC = 300 kHz.
3. Insertion loss changes by 0.003 dB/°C.
4. Insertion loss state.
5. Video feedthru measured with 1 ns rise time pulse and 500 MHz bandwidth.
Parameter 1
Frequency 2
Min
Typ
Max
Unit
Insertion Loss 3
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
-
0.3
0.4
1.0
0.4
0.6
1.2
dB
Isolation
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
20
15
8
23
17
10
-
dB
VSWR 4
DC - 1.0 GHz
DC - 2.0 GHz
-
1.3:1
1.3:1
1.4:1
1.8:1
dB
Parameter
Condition
Frequency
Min
Typ
Max
Unit
Switching Characteritics 5
Rise, Fall (10/90% or 90/10% RF)
On, Off (50% CTL to 90%/10% RF)
Video Feedthru
-
-
60
100
50
-
ns
ns
mV
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +10 dBm
0.9 GHz
-
+55
-
dBm
Input Power for 1dB Compression
0.9 GHz
-
+38
-
dBm
Control Voltage
V
LOW = 0 to 0.2 V @ 20 uA Max
V
HIGH = +3 V @ 100 uA Max to +5 V @ 200 uA Max
V
S = VHIGH +
0.2V
A


Similar Part No. - AWS5504-S14

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5504 ANADIGICS-AWS5504 Datasheet
74Kb / 8P
   GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz
AWS5504S14 ANADIGICS-AWS5504S14 Datasheet
74Kb / 8P
   GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz
More results

Similar Description - AWS5504-S14

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5504 ANADIGICS-AWS5504 Datasheet
74Kb / 8P
   GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz
AWS5503 ANADIGICS-AWS5503 Datasheet
536Kb / 8P
   GaAs IC High Power SPDT Reflective Switch Positive Control DC-3 GHz
AWS5503-S15 ANADIGICS-AWS5503-S15 Datasheet
306Kb / 3P
   GaAs IC High Power SPDT Reflective Switch Positive Control DC - 3 GHz
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
AWS5506 ANADIGICS-AWS5506 Datasheet
67Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
AWS5502-S14 ANADIGICS-AWS5502-S14 Datasheet
303Kb / 3P
   GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
AWS5506S14 ANADIGICS-AWS5506S14 Datasheet
66Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
logo
Skyworks Solutions Inc.
AS125-73 SKYWORKS-AS125-73 Datasheet
32Kb / 2P
   GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
logo
ANADIGICS, Inc
AWS5516 ANADIGICS-AWS5516 Datasheet
60Kb / 8P
   GaAs IC SPDT Reflective Switch DC-2.0 GHz
AWS5518 ANADIGICS-AWS5518 Datasheet
105Kb / 8P
   GaAs IC SPDT Reflective Switch DC-2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com