Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA7601D1 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ATA7601D1
Description  5.0V 10Gb/s TIA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7601D1 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ATA7601D1 Datasheet HTML 1Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 2Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 3Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 4Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 5Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 6Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 7Page - ANADIGICS, Inc ATA7601D1 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Preliminary Data Sheet - Revision 1
03/01
ATA7601
Figure 3: External Capacitor Required for Low Frequency Cutoff
10
100
1000
10000
0
50
100
150
200
250
300
350
400
Low Frequency Cutoff (kHz)
10mV/Div.
25ps/Div.
Figure 4: Eye Diagram with an Optical Input Power of -19dBm
40mV/Div.
25ps/Div.
Figure 5: Eye Diagram with an Optical Input Power of -9dBm


Similar Part No. - ATA7601D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
ATA7602D1 ANADIGICS-ATA7602D1 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
ATA7603 ANADIGICS-ATA7603 Datasheet
185Kb / 12P
   10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
ATA7603D1 ANADIGICS-ATA7603D1 Datasheet
185Kb / 12P
   10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results

Similar Description - ATA7601D1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
   10Gb/s Differential TIA
TGA4816-EPU TRIQUINT-TGA4816-EPU Datasheet
107Kb / 7P
   10Gb/s Differential TIA
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
   5.0V 2.5Gb/s TIA
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
logo
TriQuint Semiconductor
TGA4817-EPU TRIQUINT-TGA4817-EPU Datasheet
411Kb / 9P
   10Gb/s Wide Dynamic Range Differential TIA
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
logo
Integrated Device Techn...
HXR5004A IDT-HXR5004A Datasheet
148Kb / 2P
   4 Channel 10Gb/s Receiver
logo
Pulse A Technitrol Comp...
SFPPT-ER4-01 PULSE-SFPPT-ER4-01 Datasheet
318Kb / 9P
   10Gb/s 1550nm SFP 40kmTransceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com