Electronic Components Datasheet Search |
|
RN73A2H100KATG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
RN73A2H100KATG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 5 page Key Features I High precision - TCR 5ppm/°C and 10ppm/°C I Tolerance down to 0.01% I Thin film (nichrome) I Choice of packages I Stable high frequency performance I Temperature range -55°C to +155°C Applications I Communications I Instrumentation I Industrial controls I Medical Characteristics - Electrical The RN73 series is a high stability precision chip resistor range offering various power dissipations relating to chip size, TCR's down to 5ppm/°C and resistance tolerances to 0.01%. The resistor is produced with three sputtered layers giving optimum performance. Values are restricted to the E96 and E24 value grids. The RN73 has accurate and uniform physical dimensions to facilitate placement. 0402 0603 0805 Rated Power @ 70°C: 0.063W 0.063W 0.1W Resistance Range (Ohms) Min: 49R9 49R9 49R9 49R9 49R9 49R9 24R9 24R9 24R9 4R7 24R9 4R7 24R9 24R9 24R9 4R3 24R9 4R3 Max: 5K0 15K 5K0 15K 5K0 15K 15K 100K 15K 332K 15K 332K 30K 200K 30K 511K 30K 511K Tolerance (%): 0.01 0.05 0.1 0.01 0.05 0.1 0.01 0.05 0.1 Code Letter: LA B L A B L A B Selection Series: E24 & E96 E24 & E96 E24 & E96 Temp. Coefficient (ppm/°C): 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 Code Letter: A C A C A C A C A C A C ACAC A C Limiting Element Voltage: 25V 50V 100V Max. Overload Voltage: 50V 100V 200V Operating Temp. Range: -55 to +155°C -55 to +155°C -55 to +155°C Climatic Category (°C): 55/125/55 55/125/55 55/125/55 Insulation Resistance Dry Min: 1000MΩ 1000MΩ 1000MΩ Stability: 0.5% 0.5% 0.5% 1206 1210 2010 Rated Power @ 70°C: 0.125W 0.2W 0.25W Resistance Range (Ohms) Min: 24R9 24R9 24R9 4R7 24R9 4R7 24R9 24R9 24R9 4R7 24R9 4R7 24R9 24R9 24R9 4R7 24R9 4R7 Max: 50K 562K 50K 1M0 50K 1M0 50K 500K 50K 1M0 50K 1M0 100K 500K 100K 1M0 100K 1M0 Tolerance (%): 0.01 0.05 0.1 0.01 0.05 0.1 0.01 0.05 0.1 Code Letter: LA B L A B L A B Selection Series: E24 & E96 E24 & E96 E24 & E96 Temp. Coefficient (ppm/°C): 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 5 10 Code Letter: A C A C A C A C A C A C ACAC A C Limiting Element Voltage: 150V 150V 150V Max. Overload Voltage: 300V 300V 300V Operating Temp. Range: -55 to +155°C -55 to +155°C -55 to +155°C Climatic Category (°C): 55/125/55 55/125/55 55/125/55 Insulation Resistance Dry Min: 1000MΩ 1000MΩ 1000MΩ Stability: 0.5% 0.5% 0.5% SMD High Power Precision Resistors Type RN73 Series 1773270 CIS BI 06/2011 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. |
Similar Part No. - RN73A2H100KATG |
|
Similar Description - RN73A2H100KATG |