Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD-880WHT Datasheet(PDF) 1 Page - OptoDiode Corp

Part # OD-880WHT
Description  HIGH TEMPERATURE GaAlAs IR EMITTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-880WHT Datasheet(HTML) 1 Page - OptoDiode Corp

  OD-880WHT Datasheet HTML 1Page - OptoDiode Corp OD-880WHT Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-880WHT
FEATURES
• Extended operating temperature range
• No internal coatings
• No derating or heat sink required to 80°C
All surfaces are gold plated. Dimensions are nominal
values in inches unless otherwise specified. Window
caps are welded to the case.
.017
.100
.036
.041
45°
GLASS
.006 HIGH
MAX
1.00
MIN.
.098
.112
.143
.150
.015
.209
.220
.183
.187
.152
.156
ANODE
(CASE)
CATHODE
Total Power Output, Po
Peak Emission Wavelength, λP
Spectral Bandwidth at 50%, Δλ
Half Intensity Beam Angle, θ
Forward Voltage, VF
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
Fall Time
IF = 100mA
IF = 50mA
IF = 100mA
IR = 10μA
VR = 0V
7
5
9
880
80
80
1.55
30
17
0.5
0.5
1.9
mW
nm
nm
Deg
Volts
Volts
pF
μsec
μsec
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C
PARAMETERS
TEST CONDITIONS
TYP
MAX
UNITS
Power Dissipation1
Continuous Forward Current
Peak Forward Current (10μs, 300Hz)2
Reverse Voltage
Lead Soldering Temperature (1/16" from case for 10sec)
190mW
100mA
3A
5V
260°C
ABSOLUTE MAXIMUM RATINGS AT 25°C CASE
1Derate per Thermal Derating Curve above 25°C
2Derate linearly above 25°C
MIN
Storage and Operating Temperature Range
Maximum Junction Temperature
Thermal Resistance, RTHJA1
Thermal Resistance, RTHJA2
-65°C TO 150°C
150°C
370°C/W Typical
120°C/W Typical
THERMAL PARAMETERS
1Heat transfer minimized by measuring in still air with minimum heat conducting through leads
2Air circulating at a rapid rate to keep case temperature at 25°C
RoHS
Revision February 26, 2013


Similar Part No. - OD-880WHT

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-880WHT OPTODIODE-OD-880WHT Datasheet
391Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
More results

Similar Description - OD-880WHT

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
OD-850WHT OPTODIODE-OD-850WHT_18 Datasheet
187Kb / 4P
   High Temperature GaAlAs IR Emitters
OD-110LISOLHT OPTODIODE-OD-110LISOLHT Datasheet
242Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850FHT OPTODIODE-OD-850FHT Datasheet
287Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD880LHT OPTODIODE-OD880LHT Datasheet
261Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850FHT OPTODIODE-OD-850FHT_18 Datasheet
169Kb / 4P
   High-Temperature GaAlAs IR Emitters
OD850WHT OPTODIODE-OD850WHT Datasheet
306Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850LHT OPTODIODE-OD-850LHT Datasheet
286Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD850FHT OPTODIODE-OD850FHT Datasheet
287Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-880LHT OPTODIODE-OD-880LHT Datasheet
391Kb / 2P
   HIGH TEMPERATURE GaAlAs IR EMITTERS
OD-850LHT OPTODIODE-OD-850LHT_18 Datasheet
172Kb / 4P
   High-Temperature GaAlAs IR Emitters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com