Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB51CAT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1SMB51CAT3G
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB51CAT3G Datasheet(HTML) 5 Page - ON Semiconductor

  1SMB51CAT3G Datasheet HTML 1Page - ON Semiconductor 1SMB51CAT3G Datasheet HTML 2Page - ON Semiconductor 1SMB51CAT3G Datasheet HTML 3Page - ON Semiconductor 1SMB51CAT3G Datasheet HTML 4Page - ON Semiconductor 1SMB51CAT3G Datasheet HTML 5Page - ON Semiconductor 1SMB51CAT3G Datasheet HTML 6Page - ON Semiconductor 1SMB51CAT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1SMB10CAT3G Series, SZ1SMB10CAT3G Series
http://onsemi.com
5
APPLICATION NOTES
Response Time
In most applications, the transient suppressor device is
placed in parallel with the equipment or component to be
protected. In this situation, there is a time delay associated
with the capacitance of the device and an overshoot
condition associated with the inductance of the device and
the inductance of the connection method. The capacitive
effect is of minor importance in the parallel protection
scheme because it only produces a time delay in the
transition from the operating voltage to the clamp voltage as
shown in Figure 5.
The inductive effects in the device are due to actual
turn-on time (time required for the device to go from zero
current to full current) and lead inductance. This inductive
effect produces an overshoot in the voltage across the
equipment or component being protected as shown in
Figure 6. Minimizing this overshoot is very important in the
application, since the main purpose for adding a transient
suppressor is to clamp voltage spikes. The SMB series have
a very good response time, typically < 1 ns and negligible
inductance. However, external inductive effects could
produce unacceptable overshoot. Proper circuit layout,
minimum lead lengths and placing the suppressor device as
close as possible to the equipment or components to be
protected will minimize this overshoot.
Some input impedance represented by Zin is essential to
prevent overstress of the protection device. This impedance
should be as high as possible, without restricting the circuit
operation.
Duty Cycle Derating
The data of Figure 1 applies for non-repetitive conditions
and at a lead temperature of 25C. If the duty cycle increases,
the peak power must be reduced as indicated by the curves
of Figure 7. Average power must be derated as the lead or
ambient temperature rises above 25C. The average power
derating curve normally given on data sheets may be
normalized and used for this purpose.
At first glance the derating curves of Figure 7 appear to be
in error as the 10 ms pulse has a higher derating factor than
the 10
ms pulse. However, when the derating factor for a
given pulse of Figure 7 is multiplied by the peak power value
of Figure 1 for the same pulse, the results follow the
expected trend.
VL
V
Vin
Vin (TRANSIENT)
VL
td
V
Vin (TRANSIENT)
OVERSHOOT DUE TO
INDUCTIVE EFFECTS
tD = TIME DELAY DUE TO CAPACITIVE EFFECT
t
t
Figure 5.
Figure 6.
Figure 7. Typical Derating Factor for Duty Cycle
1 ms
10 ms
1
0.7
0.5
0.3
0.05
0.1
0.2
0.01
0.02
0.03
0.07
100 ms
0.1 0.2
0.5
2
5
10
50
1
20
100
D, DUTY CYCLE (%)
PULSE WIDTH
10 ms


Similar Part No. - 1SMB51CAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB51CAT3G ONSEMI-1SMB51CAT3G Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB51CAT3G ONSEMI-1SMB51CAT3G Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
1SMB51CAT3G ONSEMI-1SMB51CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB51CAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
   600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com