Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB48CAT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1SMB48CAT3G
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB48CAT3G Datasheet(HTML) 4 Page - ON Semiconductor

  1SMB48CAT3G Datasheet HTML 1Page - ON Semiconductor 1SMB48CAT3G Datasheet HTML 2Page - ON Semiconductor 1SMB48CAT3G Datasheet HTML 3Page - ON Semiconductor 1SMB48CAT3G Datasheet HTML 4Page - ON Semiconductor 1SMB48CAT3G Datasheet HTML 5Page - ON Semiconductor 1SMB48CAT3G Datasheet HTML 6Page - ON Semiconductor 1SMB48CAT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1SMB10CAT3G Series, SZ1SMB10CAT3G Series
http://onsemi.com
4
NONREPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 2
tP, PULSE WIDTH
1
10
100
0.1
ms1 ms10 ms
100
ms
1 ms
10 ms
0.1
Figure 1. Pulse Rating Curve
0
123
4
0
50
100
t, TIME (ms)
HALF VALUE -
IPP
2
PEAK VALUE - IPP
tr  10 ms
Figure 2. Pulse Waveform
TYPICAL PROTECTION CIRCUIT
Vin
VL
Zin
LOAD
Figure 3. Pulse Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (C)
120
140
160
tP
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAYS TO 50%
OF IPP.
Figure 4. Typical Junction Capacitance vs. Bias
Voltage
BIAS VOLTAGE (V)
1000
100
10
1
100
10
1
TJ = 25C
f = 1 MHz
1SMB10CAT3G
1SMB18CAT3G
1SMB48CAT3G
1SMB75CAT3G
5


Similar Part No. - 1SMB48CAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB48CAT3G ONSEMI-1SMB48CAT3G Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
1SMB48CAT3G ONSEMI-1SMB48CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB48CAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
   600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com