Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-3615DN455M2G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-3615DN455M2G
Description  Up to 4GB DDR3-800 soldered memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-3615DN455M2G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-3615DN455M2G Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-3615DN455M2G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
Specifications
Processor & System
CPU
μFC-BGA Intel® AtomTM Processor N455 1.66GHz,
512KB L2 cache, TDP 6.5W
μFC-BGA dual-core Intel® AtomTM Processor D525 1.8GHz,
1MB L2 cache, TDP 13W
Chipset
Intel® ICH8M I/O Controller Hub
Memory
Single channel DDR3-800 SDRAM soldered onboard,
up to 2GB for N455 processor, 4GB for D525 processor
BIOS
AMIBIOS®8, 16Mbit SPI flash memory
CompactPCI Bus
PCI 32-bit/33 MHz, 3.3V or 5V universal V (I/O)
Host only
PICMG Standards
PICMG® 2.0 CompactPCI® R3.0
PICMG® 2.1 Hot Swap R2.0
Connectivity
PMC/XMC
One optional PCI 32-bit/66 MHz PMC site or PCI-E x1 XMC
site on 2nd or 3rd layer
Ethernet
Two PCI-E Intel® 82574L Gigabit Ethernet controllers
Two 10/100/1000BASE-T front panel ports, switchable to rear
Graphics
Integrated in Intel® AtomTM processor
DB-15 VGA port on front panel, switchable to rear
Analog monitor support up to QXGA 2048x1536 pixels
@60Hz, 32-bit
USB
Up to four USB 2.0 front panel ports
One USB port on RTM
PS/2
Front panel PS/2 KB/MS port*
Serial Port
Three RS-232/422/485/485+ selectable serial ports
One DB-9 port on front panel*, two on rear
Audio
Line-in and line-out ports on front panel*
PCI-Express
One PCI-Express lane to J2
GPIO
Four GPIO pins to J2
Storage
SBC
One Serial ATA direct connector for 2.5” onboard HDD*
CompactFlash socket
RTM
Two 7-pin SATA signal connectors
Operating System
OS
Microsoft Windows® XP Professional, x64 Edition
Microsoft Windows® 7
FedoraTM 8, 12
Red Hat Enterprise Linux 5.3
Wind River VxWorks 6.8, 6.6, 5.5.1
(Please contact ADLINK for other OS support)
Miscellaneous
LED
Power (green), WDT (red)
Battery
Coin cell lithium battery onboard for RTC CMOS RAM
Watchdog Timer
System Reset and NMI, with programmable interval,
1-65535 seconds or minutes
Hardware Monitor
Monitors CPU temperature, system temperature and
DC voltages
Mechanical & Environmental
Form Factor
3U 4HP/8HP/12HP CompactPCI®
100mm x 160mm (LxW)
Operating Temperature 0˚C to +60˚C
-20˚C to +70˚C extended temperature (cPCI-ET3615)
-40˚C to +85˚C extreme extended temperature (cPCI-EX3615)
Storage Temperature
-40˚C to +85˚C
Rel. Humidity
95% non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
2 Grms random vibration, 5-500Hz, each axis, operating
Power Consumption
Atom™ D525 1.8GHz, 4GB soldered DDR3-800 memory
under Windows® XP with 100% CPU loading
Current(A)
Power(W)
5V
3.48
17.4
Total
17.4
Weight
Net weight 466g (8HP dual slot version with heatsink)
Certifications
CE/ FCC
3U CompactPCI® Dual-Core Intel® Atom™
Entry Level Processor Blade
cPCI-3615 Series
Features
Supports dual-core Intel® AtomTM D525
Up to 4GB DDR3-800 soldered memory
Fanless operation with Atom™ N455
Optional PMC/XMC site
Up to QXGA 2048x1536 RGB display
cPCI-3615D
cPCI-3615P
cPCI-3615
VGA
VGA
Audio
KB/MS
LAN
LAN
COM
USB
USB
PMC/XMC
USB
*Note: 8HP & 12HP versions only.
CompactPCI R
4
4-7


Similar Part No. - CPCI-3615DN455M2G

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCI-3620 ADLINK-CPCI-3620 Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3620D ADLINK-CPCI-3620D Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3620N ADLINK-CPCI-3620N Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3620S ADLINK-CPCI-3620S Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3620T ADLINK-CPCI-3620T Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
More results

Similar Description - CPCI-3615DN455M2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPPC15A7-RE ETC2-IPPC15A7-RE Datasheet
245Kb / 1P
   DDR3-1066 memory supported, up to 4GB
logo
Protech Systems Co., Lt...
PSB-602LF PROTECHSYSTEMS-PSB-602LF Datasheet
503Kb / 2P
   Memory supports DDRII 800 SDRAM up to 4GB
logo
Axiomtek Co., Ltd.
IPC122-833-FL AXIOMTEK-IPC122-833-FL_16 Datasheet
517Kb / 2P
   DDR3-800/1066 SO-DIMM supports up to 4 GB memory
SHB111 AXIOMTEK-SHB111_16 Datasheet
177Kb / 1P
   2 DDR3-800/1066 DIMM support up to 8 GB memory capacity
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120_16 Datasheet
193Kb / 1P
   2 DDR3 DIMM support up to 16 GB memory
SHB102 AXIOMTEK-SHB102_14 Datasheet
179Kb / 2P
   4 DDR3-800/1066 DIMM support up to 8 GB
SHB102 AXIOMTEK-SHB102_16 Datasheet
215Kb / 1P
   4 DDR3-800/1066 DIMM support up to 8 GB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com