Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2300HT-151-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2300HT-151-RC
Description  High Temperature, High Current Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2300HT-151-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2300HT-151-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.8
High Temperature, High Current Toroid Inductors
2300HT Series
Part
Number
L (µH)
± 15 %
@ 1 KHz
Idc*
(A)
L (µH)
±15 %
@ I rated
DCR
(Ω)
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
2300HT-1R2-RC
1.2
38.7
1.0
0.002
0.56
1.18
0.066
2300HT-1R8-RC
1.8
34.6
1.5
0.003
0.56
1.18
0.066
2300HT-2R7-RC
2.7
31.6
2.2
0.003
0.56
1.18
0.066
2300HT-3R9-RC
3.9
29.2
3.1
0.004
0.56
1.18
0.066
2300HT-4R7-RC
4.7
27.3
3.7
0.004
0.56
1.18
0.066
2300HT-5R6-RC
5.6
25.8
4.3
0.005
0.56
1.18
0.066
2300HT-6R8-RC
6.8
24.5
5.1
0.005
0.56
1.18
0.066
2300HT-8R2-RC
8.2
24.3
6.0
0.005
0.56
1.18
0.066
2300HT-100-RC
10
23.3
7.2
0.006
0.56
1.18
0.066
2300HT-120-RC
12
22.4
8.5
0.006
0.56
1.18
0.066
2300HT-150-RC
15
20.8
10.3
0.007
0.56
1.18
0.066
2300HT-180-RC
18
20.2
12.2
0.007
0.56
1.18
0.066
2300HT-220-RC
22
19.0
14.5
0.008
0.56
1.18
0.066
2300HT-270-RC
27
14.3
19.2
0.014
0.53
1.14
0.053
2300HT-330-RC
33
13.6
23.0
0.015
0.53
1.14
0.053
2300HT-390-RC
39
13.0
26.7
0.017
0.53
1.14
0.053
2300HT-470-RC
47
10.0
34.7
0.028
0.52
1.13
0.042
2300HT-560-RC
56
9.7
40.8
0.030
0.52
1.13
0.042
2300HT-680-RC
68
9.2
48.5
0.034
0.52
1.13
0.042
2300HT-750-RC
75
9.0
52.6
0.036
0.52
1.13
0.042
2300HT-820-RC
82
8.8
57.4
0.037
0.52
1.13
0.042
2300HT-101-RC
100
8.3
68.3
0.041
0.56
1.17
0.042
2300HT-121-RC
120
8.0
80.5
0.045
0.56
1.17
0.042
2300HT-151-RC
150
7.5
97.9
0.050
0.56
1.17
0.042
2300HT-181-RC
180
7.2
114.5
0.055
0.56
1.17
0.042
2300HT-221-RC
220
6.8
136.6
0.061
0.56
1.17
0.042
2300HT-271-RC
270
6.5
163.2
0.067
0.56
1.17
0.042
2300HT-331-RC
330
4.9
218.3
0.10
0.54
1.16
0.037
2300HT-391-RC
390
4.7
252.8
0.13
0.54
1.16
0.037
2300HT-471-RC
470
4.5
297.9
0.14
0.54
1.16
0.037
2300HT-561-RC
560
3.4
389.1
0.24
0.53
1.14
0.027
2300HT-681-RC
680
3.2
461.4
0.27
0.53
1.14
0.027
2300HT-821-RC
820
3.1
545.2
0.30
0.53
1.14
0.027
2300HT-102-RC
1000
2.9
648.2
0.33
0.58
1.17
0.027
Special Features
• High temperature rating -up to +200 °C
• Low magnetic radiation
• High current capacity
• Horizontal or vertical mount available
• Low cost
• Operating temperature: -55 to +200 °C
Typical Applications
• High operating temperature environments
• DC/DC converters
• Output chokes
• EMI filters
Notes
* Rated Idc causes a 50 °C temperature rise
** Insert -H or -V for mounting style before -RC
Example: 2300HT-100-H-RC
Dimensions: Inches
Mounting Plane
Mounting Plane
Vertical
Horizontal
Leads tinned to within
1/16 inch above
mounting plane.
0.5 inch lead length.
Leads tinned to within
1/16 inch above
mounting plane.
0.5 inch lead length.
C
C
A
B
1.28
Max.
0.65
Max.
0.65
Max.
1/16 Inch Max.
1/16 inch
Max.
1.28
Max.
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 03/11


Similar Part No. - 2300HT-151-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2300HT-151-RC BOURNS-2300HT-151-RC Datasheet
106Kb / 1P
   High Temperature, High Current Toroid Inductors
More results

Similar Description - 2300HT-151-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2300HT-331-H-RC BOURNS-2300HT-331-H-RC Datasheet
106Kb / 1P
   High Temperature, High Current Toroid Inductors
2200HT-1R2-RC BOURNS-2200HT-1R2-RC Datasheet
112Kb / 1P
   High Temperature, High Current Toroid Inductors
logo
MPS Industries, Inc.
P11T60 MPSIND-P11T60 Datasheet
302Kb / 2P
   HIGH CURRENT TOROID INDUCTORS HIGH TEMPERATURE, CLASS H
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com