Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5Z3V3T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM5Z3V3T1G
Description  Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM5Z3V3T1G Datasheet(HTML) 2 Page - ON Semiconductor

  MM5Z3V3T1G Datasheet HTML 1Page - ON Semiconductor MM5Z3V3T1G Datasheet HTML 2Page - ON Semiconductor MM5Z3V3T1G Datasheet HTML 3Page - ON Semiconductor MM5Z3V3T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MM5ZxxxT1G Series, SZMM5ZxxxT1G Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted,
VF = 0.9 V Max. @ IF = 10 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @VR = 0 and f = 1 MHz
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
TYPICAL CHARACTERISTICS
TEMPERATURE (°C)
25
0
100
40
20
0
50
75
100
125
150
80
60
Figure 1. Steady State Power Derating


Similar Part No. - MM5Z3V3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z3V3T1G ONSEMI-MM5Z3V3T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V3T1G ONSEMI-MM5Z3V3T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V3T1G ONSEMI-MM5Z3V3T1G Datasheet
102Kb / 4P
   Zener Voltage Regulators
April, 2013 ??Rev. 10
MM5Z3V3T1G ONSEMI-MM5Z3V3T1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MM5Z3V3T1G ONSEMI-MM5Z3V3T1G Datasheet
61Kb / 4P
   Zener Voltage Regulators
November, 2016??Rev. 14
More results

Similar Description - MM5Z3V3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com