Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFS-15W02-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BFS-15W02-S
Description  VGA output for 2nd monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BFS-15W02-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BFS-15W02-S Datasheet HTML 1Page - List of Unclassifed Manufacturers BFS-15W02-S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.adlinktech.com
www.adlinktech.com
Features
Intel new generation CPU - Cedar View D2550
15.6’’ 16:9 Color Active Matrix TFT flat panel display with LED backlight
Easy to clean, full-flat touch panel
Front panel complies with IP54 protection standard
Low power consumption and fanless
VESA 75 mm/ 100 mm mounting holes for varied mounting demands
VGA output for 2nd monitor
Display
BFS-15W02-S
Power
Motherboard and System Components
BFS-15W02-V
Environmental
Display
Description
Color Active Matrix TFT flat panel display with LED
backlight
Display Size
15.6 inch, 16:9
Resolution
1366 x 768, 18-bit
Brightness
200 nits
Contrast Ratio
400:1 typical
Touch Screen
5-wire resistive antiglare
Chassis
Die-cast aluminum
Input Voltage
24VDC
Power
Consumption
20W
Processor
Intel Atom Processor D2550 with NM10 Express Chip
Main Memory
4GB (DDR3 SO-DIMM)
Storage Drive
320GB HDD (2.5’’ SATA-II)
I/O Port
2X Gigabit Ethernet LAN port
2X USB 2.0 ports (USB HUB)
2X USB 2.0 ports
1X RS-232 port (RJ45 connector)
1X RS-232/422/485 port (RJ45 connector,
BIOS-selectable)
1X VGA output for 2nd monitor
1X 4-pin mini-DIN for DC-IN
1X power button
Speaker
2X built-in 1W stereo speakers
Webcam
Front: 2M FF, 2.0M pixels
WiFi
802.11 b/g/n
Operating
Systems
Windows Embedded Standard 7 Premium pre-loaded
Operating
Temperature
0 °C to 50 °C
Nonoperating
Temperature
-20 °C to 60 °C
Relative
Humidity
10% to 90% @ 40°C (non-condensing)
Vibration,
Operating
1G random 5 to 500Hz
Shock,
Operating
10G peak acceleration 11ms duration
Ratings
IEC IP54 on the front and top
Certifications
& Compliance
CE, CB, UL, FCC ClassB, VCCI & RoHS/Reach
WIFI
BFS-15W02
Intel® Atom™ Processor D2550
15.6’’ Smart Touch Computer


Similar Part No. - BFS-15W02-S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
   NPN 1 GHz wideband transistor
September 1995
logo
Vishay Siliconix
BFS17 VISHAY-BFS17 Datasheet
149Kb / 10P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
logo
NXP Semiconductors
BFS17 NXP-BFS17 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Guangdong Kexin Industr...
BFS17 KEXIN-BFS17 Datasheet
901Kb / 2P
   NPN Transistors
BFS17-3 KEXIN-BFS17-3 Datasheet
905Kb / 2P
   NPN Transistors
More results

Similar Description - BFS-15W02-S

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK376-3-R ASSMANN-AK376-3-R Datasheet
137Kb / 1P
   VGA Monitor Connection cable
AK377-5-R ASSMANN-AK377-5-R Datasheet
137Kb / 1P
   VGA Monitor Connection cable
AK-310103-200-E ASSMANN-AK-310103-200-E Datasheet
221Kb / 2P
   VGA Monitor connection cable
AK3730-3-R ASSMANN-AK3730-3-R Datasheet
184Kb / 1P
   Premium VGA Monitor extension cable
AK3760-R ASSMANN-AK3760-R Datasheet
279Kb / 1P
   PREMIUM VGA MONITOR CONNECTION CABLE
AK3750-10-R ASSMANN-AK3750-10-R Datasheet
183Kb / 1P
   Premium VGA Monitor extension cable
AK-310103-030-E ASSMANN-AK-310103-030-E Datasheet
221Kb / 1P
   VGA Monitor connection cable, HD15
AK-310103-050-E ASSMANN-AK-310103-050-E Datasheet
221Kb / 2P
   VGA Monitor connection cable, HD15
AK-310103-100-E ASSMANN-AK-310103-100-E Datasheet
221Kb / 2P
   VGA Monitor connection cable, HD15
AK3770-R ASSMANN-AK3770-R Datasheet
279Kb / 1P
   PREMIUM VGA MONITOR CONNECTION CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com