Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z3V3T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MM3Z3V3T1G
Description  Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z3V3T1G Datasheet(HTML) 3 Page - ON Semiconductor

  MM3Z3V3T1G Datasheet HTML 1Page - ON Semiconductor MM3Z3V3T1G Datasheet HTML 2Page - ON Semiconductor MM3Z3V3T1G Datasheet HTML 3Page - ON Semiconductor MM3Z3V3T1G Datasheet HTML 4Page - ON Semiconductor MM3Z3V3T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MM3ZxxxT1G Series, SZMM3ZxxxT1G Series
http://onsemi.com
3
TYPICAL CHARACTERISTICS
80
VZ, NOMINAL ZENER VOLTAGE
Figure 1. Effect of Zener Voltage on Zener Impedance
10
3.0
1000
100
10
1.0
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
VF, FORWARD VOLTAGE (V)
Figure 2. Typical Forward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1.0
150°C
75°C 25°C
0°C
70
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 3. Typical Capacitance
1000
100
10
1.0
10
4.0
BIAS AT
50% OF VZ NOM
TA = 25°C
0 V BIAS
1 V BIAS
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 4. Typical Leakage Current
1000
100
10
1.0
0.1
0.01
0.001
0.0001
0.00001
70
60
50
40
30
20
10
0
+150°C
+25°C
−55°C
12
VZ, ZENER VOLTAGE (V)
100
10
1.0
0.1
0.01
10
8.0
6.0
4.0
2.0
0
TA = 25°C
VZ, ZENER VOLTAGE (V)
Figure 5. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 6. Zener Voltage versus Zener Current
(12 V to 75 V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25°C


Similar Part No. - MM3Z3V3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM3Z3V3T1G ONSEMI-MM3Z3V3T1G Datasheet
61Kb / 6P
   Zener Voltage Regulators
April, 2004 ??Rev. 6
MM3Z3V3T1G ONSEMI-MM3Z3V3T1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MM3Z3V3T1G ONSEMI-MM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z3V3T1G ONSEMI-MM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MM3Z3V3T1G ONSEMI-MM3Z3V3T1G Datasheet
112Kb / 5P
   Zener Voltage Regulators
January, 2014 ??Rev. 10
More results

Similar Description - MM3Z3V3T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com