Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2200LL-470-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2200LL-470-RC
Description  Low Core Loss, High Current Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2200LL-470-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2200LL-470-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.6
2200LL Series
Part
Number **
L (µH)
± 20 %
@ 1 KHz
Idc*
(A)
L (µH)
±20 %
@ I rated
DCR
(Ω)
Max.
Dim.
A
Nom.
Dim.
B
Nom.
Dim.
C
Nom.
2200LL-1R0-RC
1.0
26.1
0.8
0.002
0.47
1.05
0.053
2200LL-1R8-RC
1.8
22.6
1.4
0.002
0.47
1.05
0.053
2200LL-2R7-RC
2.7
20.3
1.9
0.003
0.47
1.05
0.053
2200LL-3R9-RC
3.9
18.5
2.7
0.004
0.47
1.05
0.053
2200LL-4R7-RC
4.7
17.1
3.1
0.004
0.47
1.05
0.053
2200LL-6R8-RC
6.8
16.0
4.4
0.005
0.47
1.05
0.053
2200LL-8R2-RC
8.2
15.1
5.1
0.005
0.47
1.05
0.053
± 15 %
± 15 %
2200LL-100-RC
10
14.3
6.0
0.006
0.47
1.05
0.053
2200LL-120-RC
12
14.2
6.9
0.006
0.47
1.05
0.053
2200LL-150-RC
15
13.6
8.3
0.007
0.47
1.05
0.053
2200LL-180-RC
18
13.1
9.7
0.007
0.47
1.05
0.053
2200LL-220-RC
22
12.6
11.5
0.008
0.47
1.05
0.053
2200LL-270-RC
27
11.8
13.5
0.009
0.47
1.05
0.053
2200LL-330-RC
33
11.1
15.7
0.010
0.47
1.05
0.053
2200LL-390-RC
39
10.8
18.1
0.011
0.47
1.05
0.053
2200LL-470-RC
47
10.3
20.9
0.012
0.47
1.05
0.053
2200LL-560-RC
56
9.8
23.9
0.013
0.47
1.05
0.053
2200LL-680-RC
68
7.6
33.9
0.022
0.45
1.03
0.042
2200LL-820-RC
82
7.1
39.0
0.024
0.45
1.03
0.042
2200LL-101-RC
100
6.8
45.6
0.027
0.45
1.03
0.042
2200LL-121-RC
120
5.1
63.4
0.047
0.43
1.01
0.034
2200LL-151-RC
150
4.9
76.0
0.052
0.43
1.01
0.034
2200LL-181-RC
180
4.7
88.5
0.057
0.43
1.01
0.034
2200LL-221-RC
220
4.4
103.1
0.063
0.43
1.01
0.034
2200LL-271-RC
270
4.2
121.1
0.070
0.43
1.01
0.034
2200LL-331-RC
330
4.0
141.9
0.077
0.43
1.01
0.034
2200LL-391-RC
390
3.8
161.2
0.084
0.43
1.01
0.034
2200LL-471-RC
470
3.7
185.7
0.092
0.43
1.01
0.034
2200LL-561-RC
560
3.5
212.0
0.101
0.43
1.01
0.034
2200LL-681-RC
680
2.7
307.6
0.176
0.47
0.99
0.027
2200LL-821-RC
820
2.5
355.5
0.194
0.47
0.99
0.027
2200LL-102-RC
1000
2.4
412.5
0.216
0.47
0.99
0.027
Special Features
• Low core loss
• Low magnetic radiation
• High current capacity
• Horizontal or vertical mount available
• Operating temperature: -55 to +125 °C
Typical Applications
• Switch mode power supplies
• DC/DC converters
• Output chokes
• EMI filters
Notes
* Rated Idc causes a 30 °C temperature rise
** Insert -H or -V for mounting style before -RC
Example: 2200LL-1R0-V-RC
Low Core Loss, High Current Toroid Inductors
1.10
Max.
0.55
C
A
B
Vertical
Horizontal
Max.
C
0.55
Max.
1.10
Max.
0.50
Tin lead to coil
Tin lead to coil
0.50
Dimensions: Inches
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 06/07


Similar Part No. - 2200LL-470-RC

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2200 GILWAY-2200 Datasheet
65Kb / 1P
   T-1 Subminiature Lamps
logo
Coto Technology
2200 COTO-2200 Datasheet
525Kb / 2P
   2200 SERIES REED RELAYS
logo
3M Electronics
2200 3M-2200 Datasheet
460Kb / 2P
   Vinyl Mastic Pads and Rolls
logo
Advanced Energy Industr...
2200 ADVANCEDENERGY-2200 Datasheet
339Kb / 4P
   TREK 2200 SERIES
10.20.23
logo
WAGO Kontakttechnik Gmb...
2200-1201 WAGO-2200-1201 Datasheet
709Kb / 15P
   2-conductor through terminal block; with push-button
23.11.2021
More results

Similar Description - 2200LL-470-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2100LL-151-H-RC BOURNS-2100LL-151-H-RC Datasheet
90Kb / 1P
   Low Core Loss, High Current Toroid Inductors
2300LL-1R5-RC BOURNS-2300LL-1R5-RC Datasheet
480Kb / 1P
   Low Core Loss, High Current Toroid Inductors
2100LL-221-V-RC BOURNS-2100LL-221-V-RC Datasheet
95Kb / 1P
   Low Core Loss, High Current Toroid Inductors
logo
Central Technologies
CT8645LLF CT-CT8645LLF Datasheet
213Kb / 1P
   Low Core Loss, High Current Toroid Inductors
logo
Allied Components Inter...
TC210LL ALLIED-TC210LL Datasheet
1Mb / 1P
   Low Loss High Current Toroid Choke
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com