Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA00501D1C Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ATA00501D1C
Description  AGC TRANSIMPEDANCE AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA00501D1C Datasheet(HTML) 7 Page - ANADIGICS, Inc

  ATA00501D1C Datasheet HTML 1Page - ANADIGICS, Inc ATA00501D1C Datasheet HTML 2Page - ANADIGICS, Inc ATA00501D1C Datasheet HTML 3Page - ANADIGICS, Inc ATA00501D1C Datasheet HTML 4Page - ANADIGICS, Inc ATA00501D1C Datasheet HTML 5Page - ANADIGICS, Inc ATA00501D1C Datasheet HTML 6Page - ANADIGICS, Inc ATA00501D1C Datasheet HTML 7Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PRELIMINARY DATA SHEET - Rev 1.5
08/2001
7
ATA00501
AGC Capacitor
It is important to select an external AGC capacitor of
high quality and appropriate size. The ATA00501D1C
has an on-chip 70 KW resistor with a shunt 4 pF
capacitor to ground. Without external capacitance
the chip will provide an AGC time constant of 280
nS. For the best performance in a typical 51MB/s
SONET receiver, a minimum AGC capacitor of 56pF
is recommended. This will provide the minimum
amount of protection against pattern sensitivity and
pulse width distortion on repetitive data sequences
during high average optical power conditions.
Conservative design practices should be followed
when selecting an AGC capacitor, since unit to unit
variability of the internal time constant and various
data conditions can lead to data errors if the chosen
value is too small.
Phase Response
At frequencies below the 3dB bandwidth of the
device, the transimpedance phase response is
characteristic of a single pole transfer function (as
shown in the Phase vs Frequency curve). The output
impedance is essentially resistive up to 1000 MHz.
Figure 14: Phase (IIN to VOUT)
50
100
150
Frequency (MHz)
I
IN
0.5pF
V
OUT
180
200
220
240
R
f


Similar Part No. - ATA00501D1C

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
   AGC TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - ATA00501D1C

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
ATA12001 ANADIGICS-ATA12001 Datasheet
201Kb / 8P
   AGC Transimpedance Amplifier
ATA00501S2C ANADIGICS-ATA00501S2C Datasheet
180Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01501D1C ANADIGICS-ATA01501D1C Datasheet
333Kb / 4P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com