Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARA2001S23 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # ARA2001S23
Description  CATV Reverse Amplifier with step Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2001S23 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button ARA2001S23 Datasheet HTML 7Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 8Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 9Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 10Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 11Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 12Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 13Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 14Page - ANADIGICS, Inc ARA2001S23 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
ARA2001S23
n
i
Pn
o
it
c
n
u
Fn
o
it
p
i
r
c
s
e
D
1d
n
u
o
r
G
2V
N
T
T
A
r
o
t
a
u
n
e
tt
A
r
o
f
y
l
p
p
u
S
3T
T
A
N
I
)
+
()
+
(
t
u
p
n
I
r
o
t
a
u
n
e
tt
A
41
A
T
U
O
)
+
(t
u
p
t
u
O
)
+
(
1
r
e
if
il
p
m
A
51
A
N
I
)
+
(t
u
p
n
I
)
+
(
1
r
e
if
il
p
m
A
61
g
Vl
o
rt
n
o
C
)
-/
+
(
1
A
r
e
if
il
p
m
A
7I
1
T
E
S
t
s
u
j
d
A
t
n
e
r
r
u
C
)
-/
+
(
1
A
r
e
if
il
p
m
A
81
A
N
I
)
-
(t
u
p
n
I
)
-
(
1
A
r
e
if
il
p
m
A
91
A
T
U
O
)
-
(t
u
p
t
u
O
)
-
(
1
A
r
e
if
il
p
m
A
0
1T
T
A
N
I
)
-
()
-
(
t
u
p
n
I
r
o
t
a
u
n
e
tt
A
1
1S
O
M
Cti
u
c
ri
C
S
O
M
C
l
a
ti
g
i
D
r
o
F
y
l
p
p
u
S
2
1K
L
Ck
c
o
l
C
3
1T
A
Da
t
a
D
4
1n
Ee
l
b
a
n
E
5
1C
/
Nn
o
it
c
e
n
n
o
C
o
N
6
1C
/
Nn
o
it
c
e
n
n
o
C
o
N
7
1C
/
Nn
o
it
c
e
n
n
o
c
o
N
8
1S
O
M
Cti
u
c
ri
C
S
O
M
C
l
a
ti
g
i
D
r
o
f
d
n
u
o
r
G
9
1T
T
A
T
U
O
)
-
()
-
(
t
u
p
t
u
O
r
o
t
a
u
n
e
tt
A
0
22
A
N
I
)
-
(t
u
p
n
I
)
-
(
2
A
r
e
if
il
p
m
A
1
22
A
T
U
O
)
-
(t
u
p
t
u
O
)
-
(
2
A
r
e
if
il
p
m
A
2
2
I
2
T
E
S
t
s
u
j
d
A
t
n
e
r
r
u
C
)
-/
+
(
2
A
r
e
if
il
p
m
A
3
22
g
Vl
o
rt
n
o
C
)
-/
+
(
2
A
r
e
if
il
p
m
A
4
22
A
T
U
O
)
+
(t
u
p
t
u
O
)
+
(
2
A
r
e
if
il
p
m
A
5
22
A
N
I
)
+
(t
u
p
n
I
)
+
(
2
A
r
e
if
il
p
m
A
6
2T
T
A
T
U
O
)
+
()
+
(
t
u
p
t
u
O
r
o
t
a
u
n
e
tt
A
7
2C
/
Nn
o
it
c
e
n
n
o
C
o
N
8
2D
N
Gd
n
u
o
r
G
PIN DESCRIPTION


Similar Part No. - ARA2001S23

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000 ANADIGICS-ARA2000 Datasheet
204Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000 ANADIGICS-ARA2000 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
204Kb / 20P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
1Mb / 21P
   Address-Programmable Reverse Amplifier with Step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
More results

Similar Description - ARA2001S23

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA05050S12-1 ANADIGICS-ARA05050S12-1 Datasheet
1Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com