Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTY30N50 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTY30N50
Description  TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.15 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTY30N50 Datasheet(HTML) 1 Page - Motorola, Inc

  MTY30N50 Datasheet HTML 1Page - Motorola, Inc MTY30N50 Datasheet HTML 2Page - Motorola, Inc MTY30N50 Datasheet HTML 3Page - Motorola, Inc MTY30N50 Datasheet HTML 4Page - Motorola, Inc MTY30N50 Datasheet HTML 5Page - Motorola, Inc MTY30N50 Datasheet HTML 6Page - Motorola, Inc MTY30N50 Datasheet HTML 7Page - Motorola, Inc MTY30N50 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.
Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate
This advanced TMOS power FET is designed to withstand high
energy in the avalanche and commutation modes. This new energy
efficient design also offers a drain–to–source diode with fast
recovery time. Designed for high voltage, high speed switching
applications in power supplies, converters, PWM motor controls,
and other inductive loads. The avalanche energy capability is
specified to eliminate the guesswork in designs where inductive
loads are switched and offer additional safety margin against
unexpected voltage transients.
• Avalanche Energy Specified
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
500
Vdc
Drain–Gate Voltage (RGS = 1 MΩ)
VDGR
500
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current — Continuous @ TC = 25°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
IDM
30
80
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
300
2.38
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 100 Vdc, VGS = 10 Vdc, Peak IL = 30 Apk, L = 10 mH, RG = 25 Ω )
EAS
3000
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
0.42
40
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc.
TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 2
Order this document
by MTY30N50E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MTY30N50E
TMOS POWER FET
30 AMPERES
500 VOLTS
RDS(on) = 0.15 OHM
CASE 340G–02, STYLE 1
TO–264
Motorola Preferred Device
®
D
S
G


Similar Part No. - MTY30N50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTY30N50E ONSEMI-MTY30N50E Datasheet
200Kb / 8P
   N?묬hannel Power MOSFET
Sept, 2004 ??Rev. XXX
More results

Similar Description - MTY30N50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTD3055V MOTOROLA-MTD3055V Datasheet
206Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
MTE53N50E MOTOROLA-MTE53N50E Datasheet
167Kb / 8P
   TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTV16N50E MOTOROLA-MTV16N50E Datasheet
276Kb / 10P
   TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com