Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE16V8H-7PC5 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # PALCE16V8H-7PC5
Description  EE CMOS 20-Pin Universal Programmable Array Logic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE16V8H-7PC5 Datasheet(HTML) 1 Page - Advanced Micro Devices

  PALCE16V8H-7PC5 Datasheet HTML 1Page - Advanced Micro Devices PALCE16V8H-7PC5 Datasheet HTML 2Page - Advanced Micro Devices PALCE16V8H-7PC5 Datasheet HTML 3Page - Advanced Micro Devices PALCE16V8H-7PC5 Datasheet HTML 4Page - Advanced Micro Devices PALCE16V8H-7PC5 Datasheet HTML 5Page - Advanced Micro Devices PALCE16V8H-7PC5 Datasheet HTML 6Page - Advanced Micro Devices PALCE16V8H-7PC5 Datasheet HTML 7Page - Advanced Micro Devices PALCE16V8H-7PC5 Datasheet HTML 8Page - Advanced Micro Devices PALCE16V8H-7PC5 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Publication# 16493
Rev. D
Amendment /0
Issue Date: February 1996
2-36
PALCE16V8 Family
EE CMOS 20-Pin Universal Programmable Array Logic
FINAL
COM’L: H-5/7/10/15/25, Q-10/15/25
IND: H-10/15/25, Q-20/25
DISTINCTIVE CHARACTERISTICS
s Pin and function compatible with all 20-pin
GAL devices
s Electrically erasable CMOS technology
provides reconfigurable logic and full
testability
s High-speed CMOS technology
— 5-ns propagation delay for “-5” version
— 7.5-ns propagation delay for “-7” version
s Direct plug-in replacement for the PAL16R8
series and most of the PAL10H8 series
s Outputs programmable as registered or
combinatorial in any combination
s Peripheral Component Interconnect (PCI)
compliant
s Programmable output polarity
s Programmable enable/disable control
s Preloadable output registers for testability
s Automatic register reset on power up
s Cost-effective 20-pin plastic DIP, PLCC, and
SOIC packages
s Extensive third-party software and programmer
support through FusionPLD partners
s Fully tested for 100% programming and
functional yields and high reliability
s 5 ns version utilizes a split leadframe for
improved performance
GENERAL DESCRIPTION
The PALCE16V8 is an advanced PAL device built with
low-power, high-speed, electrically-erasable CMOS
technology. It is functionally compatible with all 20-pin
GAL devices. The macrocells provide a universal device
architecture. The PALCE16V8 will directly replace the
PAL16R8 and PAL10H8 series devices, with the excep-
tion of the PAL16C1.
The PALCE16V8 utilizes the familiar sum-of-products
(AND/OR) architecture that allows users to implement
complex logic functions easily and efficiently. Multiple
levels of combinatorial logic can always be reduced to
sum-of-products form, taking advantage of the very
wide input gates available in PAL devices. The equa-
tions are programmed into the device through floating-
gate cells in the AND logic array that can be erased
electrically.
The fixed OR array allows up to eight data product terms
per output for logic functions. The sum of these products
feeds the output macrocell. Each macrocell can be pro-
grammed as registered or combinatorial with an active-
high or active-low output. The output configuration is
determined by two global bits and one local bit
controlling four multiplexers in each macrocell.
AMD’s FusionPLD program allows PALCE16V8 de-
signs to be implemented using a wide variety of popular
industry-standard design tools. By working closely with
the FusionPLD partners, AMD certifies that the tools
provide accurate, quality support. By ensuring that third-
party tools are available, costs are lowered because a
designer does not have to buy a complete set of new
tools for each device. The FusionPLD program also
greatly reduces design time since a designer can use a
tool that is already installed and familiar.


Similar Part No. - PALCE16V8H-7PC5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8H-7PC AMD-PALCE16V8H-7PC Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Lattice Semiconductor
PALCE16V8H-7PC/5 LATTICE-PALCE16V8H-7PC/5 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
More results

Similar Description - PALCE16V8H-7PC5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
   20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PAL16L8B AMD-PAL16L8B Datasheet
271Kb / 33P
   20-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com