Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARA05050S12-1 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ARA05050S12-1
Description  CATV Reverse Amplifier w/step Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA05050S12-1 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ARA05050S12-1 Datasheet HTML 3Page - ANADIGICS, Inc ARA05050S12-1 Datasheet HTML 4Page - ANADIGICS, Inc ARA05050S12-1 Datasheet HTML 5Page - ANADIGICS, Inc ARA05050S12-1 Datasheet HTML 6Page - ANADIGICS, Inc ARA05050S12-1 Datasheet HTML 7Page - ANADIGICS, Inc ARA05050S12-1 Datasheet HTML 8Page - ANADIGICS, Inc ARA05050S12-1 Datasheet HTML 9Page - ANADIGICS, Inc ARA05050S12-1 Datasheet HTML 10Page - ANADIGICS, Inc ARA05050S12-1 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
A
ARA05050S12
Advanced Product Information - Rev. 6
PIN DESCRIPTION
PIN
FUNCTION
DESCRIPTION
1
NC
No Connection
2
Bypass
Internal bypass. This pin must be externally ac decoupled (0.1uf cap)
3
ATTIN
Attenuator Input
4
RFOUT1+VDD1
RF Output and +5v Supply for 1st Amplifier Stage
5
VREF1
Reference voltage for 1
st
Amplifier
6,7,8,9
AC_GND
AC Ground. These pins must be externally ac decoupled (1uF and 0.01uF cap)
10
RFIN
RF Input to 1
st
Amplifier Stage
11
ISET1
Resistor set current for 1
st
Amplifier
12
5V digital
5 volts digital supply voltage
13
16 dB
16 dB Attenuator Control Parallel data input
14
8 dB
8 dB Attenuator Control Parallel data input
15
4 dB
4 dB Attenuator Control Parallel data input
16
2 dB
2 dB Attenuator Control Parallel data input
17
Dig GND
Digital Ground
18
RFOUT+VDD2
RF Output and +VDD2 V Supply for 2
nd
Amplifier Stage
19
VREF2
Reference voltage for 2
nd
Amplifier
20,21,22,23
AC_GND
AC Ground. These pins must be externally ac decoupled (1uF and 0.01uF cap)
24
RFIN2
RF Input to 2
nd
Amplifier Stage and Shutdown pin for 2
nd
Amplifier
25
ISET2
Resistor set current for 2
nd
Amplifier (ground for max performance)
26
ATTOUT
Attenuator Output
27
NC
No Connection
28
NC
No Connection


Similar Part No. - ARA05050S12-1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
ARA05050S12C ANADIGICS-ARA05050S12C Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA05050S12C ANADIGICS-ARA05050S12C Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050S12C SKYWORKS-ARA05050S12C Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050S12CTR ANADIGICS-ARA05050S12CTR Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
More results

Similar Description - ARA05050S12-1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com