Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1040 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TJA1040
Description  High speed CAN transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1040 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TJA1040 Datasheet HTML 4Page - NXP Semiconductors TJA1040 Datasheet HTML 5Page - NXP Semiconductors TJA1040 Datasheet HTML 6Page - NXP Semiconductors TJA1040 Datasheet HTML 7Page - NXP Semiconductors TJA1040 Datasheet HTML 8Page - NXP Semiconductors TJA1040 Datasheet HTML 9Page - NXP Semiconductors TJA1040 Datasheet HTML 10Page - NXP Semiconductors TJA1040 Datasheet HTML 11Page - NXP Semiconductors TJA1040 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2003 Oct 14
8
Philips Semiconductors
Product specification
High speed CAN transceiver
TJA1040
APPLICATION AND TEST INFORMATION
handbook, full pagewidth
SPLIT
TJA1040
5
CANH
VCC
VCC
7
3
8
Port x
RXD
MICROCONTROLLER
TXD
STB
CANL
6
MGU164
1
2
TXD
4
RXD
5 V
BAT
Fig.3 Typical application for 5 V microcontroller.
More application information is available in a separate application note.
handbook, full pagewidth
GND
VCC
TJA1040
SPLIT
CANH
60
60
R
VSPLIT = 0.5VCC
in normal mode;
otherwise floating
R
CANL
MGU162
Fig.4 Stabilization circuitry and application.


Similar Part No. - TJA1040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1040 PHILIPS-TJA1040 Datasheet
90Kb / 17P
   High speed CAN transceiver
2003 Oct 14
TJA1040 NXP-TJA1040 Datasheet
1Mb / 121P
   Application Hints - Standalone high speed CAN transceiver
Rev.01.40-27 April 2015
TJA1040T PHILIPS-TJA1040T Datasheet
90Kb / 17P
   High speed CAN transceiver
2003 Oct 14
TJA1040U PHILIPS-TJA1040U Datasheet
90Kb / 17P
   High speed CAN transceiver
2003 Oct 14
More results

Similar Description - TJA1040

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com