Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC-7000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC-7000
Description  AMC.0 Single-width, Mid-size
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC-7000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC-7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.adlinktech.com/AdvancedTCA/
1
1-31
AMC-7000
Specifications
Technical Specification
Capacity
320G/500G/128G(SSD)
Seek Time
<2.0 msec (read), <2.5 msec (write)
(track to track)
Average
12.0 /14.0 ms (read/write)
Maximum
<20ms (typical)
Rotational speed
5400 RPM
Buffer size
8MB
Front panel LEDs
Power, Hot Swap
Environmental Conditions
Operating Temp.
5ºC to +55ºC
Storage Temp.
-40ºC to +70ºC
Relative Humidity
5%-90% (operating)
Power
<2.0W (typical)
Features
AMC.0 Rev.2 front panel compliant
AMC.3 Rev.1, storage signaling option
One integrated 2.5” 320G/500G/128G(SSD)
SATA disk
S.M.A.R.T. support
Integrated IPMI
AMC.0 Single-width, Mid-size
Ordering Information
Model Number
Description/Configuration
AMC-7000/SATA320G
Mid-size, Single-width AMC.3 S2 with 3200GB SATA HDD
AMC-7000/SATA500G
Mid-size, Single-width AMC.3 S2 with 500GB SATA HDD
AMC-7000/SSD128G
Mid-size, Single-width AMC.3 S2 with 128GB SSD
AMC SATA Disk Drive Module


Similar Part No. - AMC-7000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC-7000 ETC2-AMC-7000 Datasheet
304Kb / 2P
   AMC.0 Single-width, Mid-size
AMC-7000SATA250G ETC2-AMC-7000SATA250G Datasheet
304Kb / 2P
   AMC.0 Single-width, Mid-size
AMC-7000SATA250G ETC2-AMC-7000SATA250G Datasheet
379Kb / 2P
   Dual AMC.0 Mid-size bays
AMC-7000SATA320G ETC2-AMC-7000SATA320G Datasheet
643Kb / 2P
   Single AMC.0 Mid-size bay
AMC-7000SATA320G ETC2-AMC-7000SATA320G Datasheet
647Kb / 2P
   Dual 10GBASE-KX4 Fabric Interface channels
More results

Similar Description - AMC-7000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC-8100 ETC2-AMC-8100 Datasheet
304Kb / 2P
   AMC.0 Single-width, Mid-size
ATCA-9300 ETC2-ATCA-9300 Datasheet
272Kb / 1P
   Single AMC.0 Mid-size bays
ATCA-6105 ETC2-ATCA-6105 Datasheet
643Kb / 2P
   Single AMC.0 Mid-size bay
ATCA-6900 ETC2-ATCA-6900 Datasheet
379Kb / 2P
   Dual AMC.0 Mid-size bays
logo
Molex Electronics Ltd.
75800-0001 MOLEX-75800-0001 Datasheet
186Kb / 2P
   0.75mm (.030?? Pitch AMC.0 B 170-Circuit Connectors
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
   MID SIZE PATECH PLUG
logo
List of Unclassifed Man...
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
   Dual AMC bays
logo
C&K Components
TM CK-COMPONENTS-TM Datasheet
462Kb / 6P
   Mid Size Snap-acting Switches
TF CK-COMPONENTS-TF Datasheet
459Kb / 6P
   Mid Size Snap-acting Switches
TF2 CK-COMPONENTS-TF2_V01 Datasheet
593Kb / 6P
   Mid Size Snap-acting Switches
4 Jul 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com