Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW25N95K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STW25N95K3
Description  N-channel 950 V, 0.32 ohm, 22 A, TO-247
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW25N95K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STW25N95K3 Datasheet HTML 1Page - STMicroelectronics STW25N95K3 Datasheet HTML 2Page - STMicroelectronics STW25N95K3 Datasheet HTML 3Page - STMicroelectronics STW25N95K3 Datasheet HTML 4Page - STMicroelectronics STW25N95K3 Datasheet HTML 5Page - STMicroelectronics STW25N95K3 Datasheet HTML 6Page - STMicroelectronics STW25N95K3 Datasheet HTML 7Page - STMicroelectronics STW25N95K3 Datasheet HTML 8Page - STMicroelectronics STW25N95K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STW25N95K3
Electrical ratings
Doc ID 15584 Rev 2
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
22
A
ID
Drain current (continuous) at TC = 100 °C
13.9
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
88
A
PTOT
Total dissipation at TC = 25 °C
400
W
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJ max)
28
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
450
mJ
dv/dt(2)
2.
ISD ≤ 22 A, di/dt ≤ 100 A/µs, peak VDS ≤V(BR)DSS
Peak diode recovery voltage slope
5
V/ns
VESD(G-S) G-S ESD (HBM C=100 pF; R=1.5 kΩ)6000
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.31
°C/W
Rthj-amb
Thermal resistance junction-ambient max
50
°C/W
TJ
Maximum lead temperature for soldering purpose
300
°C/W


Similar Part No. - STW25N95K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW25N60M2-EP STMICROELECTRONICS-STW25N60M2-EP Datasheet
274Kb / 14P
   N-channel 600 V, 0.175 typ., 18 A MDmeshTM M2 EP Power MOSFET in a TO-247 package
May 2018 Rev 3
STW25N80K5 STMICROELECTRONICS-STW25N80K5 Datasheet
1Mb / 22P
   N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
678Kb / 16P
   N-CHANNEL 500V 0.11ohm - 22 A TO-220/FP/D/IPAK/TO-247 SECOND GENERATION MDmesh MOSFET
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
514Kb / 18P
   N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STW25NM50N STMICROELECTRONICS-STW25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
More results

Similar Description - STW25N95K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF7N95K3 STMICROELECTRONICS-STF7N95K3 Datasheet
943Kb / 15P
   N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
   N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
STW40N95DK5 STMICROELECTRONICS-STW40N95DK5 Datasheet
774Kb / 14P
   N-channel 950 V, 0.120 廓 typ., 38 A, MDmesh??DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STF13N95K3 STMICROELECTRONICS-STF13N95K3 Datasheet
861Kb / 19P
   N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
STD5N95K3 STMICROELECTRONICS-STD5N95K3 Datasheet
1Mb / 23P
   N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
STWA40N95K5 STMICROELECTRONICS-STWA40N95K5 Datasheet
740Kb / 13P
   N-channel 950 V, 0.110 ??typ., 38 A MDmesh??K5 Power MOSFET in a TO-247 long leads package
August 2015 Rev 1
IRFP460 STMICROELECTRONICS-IRFP460 Datasheet
91Kb / 8P
   N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STW20N95K5 STMICROELECTRONICS-STW20N95K5 Datasheet
1Mb / 20P
   N-channel 950 V, 0.275 廓, 17.5 A SuperMESH 5??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com