Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT121302T46L Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AMT121302T46L
Description  1.25Gb/s 1310/1550nm PIN-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT121302T46L Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AMT121302T46L Datasheet HTML 1Page - ANADIGICS, Inc AMT121302T46L Datasheet HTML 2Page - ANADIGICS, Inc AMT121302T46L Datasheet HTML 3Page - ANADIGICS, Inc AMT121302T46L Datasheet HTML 4Page - ANADIGICS, Inc AMT121302T46L Datasheet HTML 5Page - ANADIGICS, Inc AMT121302T46L Datasheet HTML 6Page - ANADIGICS, Inc AMT121302T46L Datasheet HTML 7Page - ANADIGICS, Inc AMT121302T46L Datasheet HTML 8Page - ANADIGICS, Inc AMT121302T46L Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
AMT121302
Data Sheet - Revision 0
03/01
Lightwave
Analyzer
HP 8702D
Laser
Optical Attenuator
DUT Test
Fixture
Power
Supply
Extinction
Ratio= 3dB
Figure 9: Test Setup for Frequency Response
Laser
Optical
Attenuator
DUT Test
Fixture
Power
Supply
Pulse Pattern
Generator
Limiting
Amplifier
Error
Detector
Hybrid
Coupler
Extinction
Ratio = 9dB
BERT
25 dB Gain
Figure 10: Test Setup for Sensitivity
Pulse Pattern
Generator
Laser
Optical
Attenuator
DUT Test
Fixture
Power
Supply
Digital
Communication
Analyzer HP83480A
Extinction
Ratio = 9dB
Figure 11: Test Setup for Eye Measurements


Similar Part No. - AMT121302T46L

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
   MODULAR INCREMENTAL ENCODER
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
   MODULAR INCREMENTAL ENCODER
09/10/2021
logo
CUI Devices
AMT12 CUID-AMT12 Datasheet
1,007Kb / 7P
   MODULAR INCREMENTAL ENCODER
08/05/2022
logo
CUI INC
AMT122S-0096-1000 CUI-AMT122S-0096-1000 Datasheet
1Mb / 7P
   MODULAR INCREMENTAL ENCODER
AMT122S-0096-1000 CUI-AMT122S-0096-1000 Datasheet
1Mb / 7P
   MODULAR INCREMENTAL ENCODER
09/10/2021
More results

Similar Description - AMT121302T46L

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
logo
Pulse A Technitrol Comp...
SFPT-ZX8-01 PULSE-SFPT-ZX8-01 Datasheet
206Kb / 10P
   1.25Gb/s 1550nm Single-mode SFP Transceiver
logo
ANADIGICS, Inc
ATA121302 ANADIGICS-ATA121302 Datasheet
203Kb / 8P
   1.25Gb/s Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com