Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR0703-391KL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR0703-391KL
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR0703-391KL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR0703-391KL Datasheet HTML 1Page - Bourns Electronic Solutions SDR0703-391KL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SDR0703-1R0ML
1.0
± 20
25
7.96
160.0
0.042
2.20
3.20
SDR0703-1R2ML
1.2
± 20
25
7.96
145.0
0.047
2.00
3.00
SDR0703-1R8ML
1.8
± 20
25
7.96
105.0
0.052
1.90
2.70
SDR0703-2R2ML
2.2
± 20
24
7.96
95.0
0.060
1.80
2.60
SDR0703-2R7ML
2.7
± 20
23
7.96
80.0
0.065
1.70
2.50
SDR0703-3R3ML
3.3
± 20
23
7.96
65.0
0.075
1.65
2.35
SDR0703-3R9ML
3.9
± 20
22
7.96
70.0
0.080
1.58
2.25
SDR0703-4R7ML
4.7
± 20
20
7.96
60.0
0.100
1.50
2.10
SDR0703-5R6ML
5.6
± 20
20
7.96
56.0
0.105
1.40
2.00
SDR0703-6R8ML
6.8
± 20
20
7.96
45.0
0.115
1.30
1.90
SDR0703-8R2ML
8.2
± 20
20
7.96
40.0
0.150
1.10
1.50
SDR0703-100KL
10
± 10
23
2.52
36.0
0.170
1.00
1.40
SDR0703-120KL
12
± 10
20
2.52
36.0
0.180
0.90
1.30
SDR0703-150KL
15
± 10
23
2.52
30.0
0.240
0.75
1.12
SDR0703-180KL
18
± 10
20
2.52
30.0
0.280
0.70
1.05
SDR0703-220KL
22
± 10
20
2.52
26.0
0.300
0.65
0.95
SDR0703-270KL
27
± 10
20
2.52
20.0
0.400
0.60
0.88
SDR0703-330KL
33
± 10
17
2.52
20.0
0.450
0.56
0.82
SDR0703-390KL
39
± 10
18
2.52
18.0
0.550
0.50
0.73
SDR0703-470KL
47
± 10
20
2.52
15.0
0.720
0.40
0.64
SDR0703-560KL
56
± 10
20
2.52
13.0
0.800
0.39
0.60
SDR0703-680KL
68
± 10
18
2.52
13.0
0.900
0.38
0.56
SDR0703-820KL
82
± 10
18
2.52
12.0
1.18
0.33
0.47
SDR0703-101KL
100
± 10
33
0.796
11.0
1.56
0.27
0.40
SDR0703-121KL
120
± 10
32
0.796
10.0
1.75
0.26
0.37
SDR0703-151KL
150
± 10
30
0.796
9.0
2.00
0.25
0.34
SDR0703-181KL
180
± 10
33
0.796
7.0
2.70
0.19
0.30
SDR0703-221KL
220
± 10
31
0.796
7.0
3.00
0.18
0.28
SDR0703-271KL
270
± 10
30
0.796
7.0
3.60
0.17
0.22
SDR0703-331KL
330
± 10
33
0.796
6.0
4.80
0.16
0.19
SDR0703-391KL
390
± 10
36
0.796
5.5
6.20
0.14
0.18
SDR0703-471KL
470
± 10
33
0.796
5.0
7.00
0.13
0.16
SDR0703-561KL
560
± 10
36
0.796
4.2
9.20
0.11
0.15
SDR0703-681KL
680
± 10
32
0.796
4.0
10.50
0.10
0.15
SDR0703-821KL
820
± 10
32
0.796
3.6
12.00
0.09
0.14
SDR0703-102KL
1000
± 10
30
0.252
3.2
14.20
0.08
0.13
SDR0703 Series - SMD Power Inductors
Features
Available in E12 series
Low height of only 2.7 mm
High Isat of 3.2 Amps
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
6.5 ± 0.3
(.256 ± .012)
4.9
(.193)
REF.
REF.
2.7 ± 0.2
(.106 ± .008)
2.4
(.094)
4.5 ± 0.2
(.177 ± .008)
REF.
REF.
REF.
REF.
REF.
4.0
(.157)
1.5
(.059)
1.5
(.059)
7.0
(.276)
3.2
(.126)
General Specifications
Test Voltage.....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core ..............................................Ferrite
Wire ................Enameled copper 130 °C
Base..................................................LCP
Adhesive ....................................6020H-6
Terminal .........................................Ag/Sn
Rated Current
...................Ind. drop 10 % typ. at Isat
Temperature Rise ..................20 °C max.
at rated Irms
Packaging ....................500 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
Recommended Layout


Similar Part No. - SDR0703-391KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0703-391KL BOURNS-SDR0703-391KL Datasheet
233Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR0703-391KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com