Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX01GLP Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SX01GLP
Description  Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SX01GLP Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SX01GLP Datasheet HTML 1Page - Honeywell Solid State Electronics Center SX01GLP Datasheet HTML 2Page - Honeywell Solid State Electronics Center SX01GLP Datasheet HTML 3Page - Honeywell Solid State Electronics Center SX01GLP Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SX SMT Series
Microstructure Pressure Sensors
0 psi to 1 psi through
0 psi to 150 psi
The SX SMT Series provides a most cost-effective method of
measuring absolute and gage pressures in a fully packaged
sensor. These sensors are designed primarily for use with
clean, dry gases such as air and nitrogen.
This series features the standard SX chip in a ceramic, surface
mount package. The standard version features a low profile
plastic lid to better withstand high temperatures. The optional
ported device offers a tube attachment port that is particularly
useful in gage applications.
The 4-pin closed bridge configuration allows electrical
connection with additional pads provided for mechanical
support. Pulsed power is recommended to achieve maximum
accuracy and conserve battery power in portable applications.
FEATURES
• Low cost
• Small size
• Absolute or gage pressures
• High-impedance bridge
• Low power consumption
POTENTIAL APPLICATIONS
• Pneumatic controls
• Automotive diagnostics
• Medical equipment/ instrumentation
• Dental equipment
• Environmental controls
• Barometric pressure measurement
• Altimeters
• Pneumatic controls
• Battery powered equipment


Similar Part No. - SX01GLP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX01GLP HONEYWELL-SX01GLP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX01GLP HONEYWELL-SX01GLP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results

Similar Description - SX01GLP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX30AD4 HONEYWELL-SX30AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
   TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
   Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com