Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT121302 Datasheet(PDF) 8 Page - ANADIGICS, Inc

Part # AMT121302
Description  1.25Gb/s 1310/1550nm PIN-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT121302 Datasheet(HTML) 8 Page - ANADIGICS, Inc

Back Button AMT121302 Datasheet HTML 4Page - ANADIGICS, Inc AMT121302 Datasheet HTML 5Page - ANADIGICS, Inc AMT121302 Datasheet HTML 6Page - ANADIGICS, Inc AMT121302 Datasheet HTML 7Page - ANADIGICS, Inc AMT121302 Datasheet HTML 8Page - ANADIGICS, Inc AMT121302 Datasheet HTML 9Page - ANADIGICS, Inc AMT121302 Datasheet HTML 10Page - ANADIGICS, Inc AMT121302 Datasheet HTML 11Page - ANADIGICS, Inc AMT121302 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
AMT121302
Data Sheet - Revision 0
03/01
TO46-1300nm DIFFERENTIAL FLAT WINDOW
NOTES:
SEATING PLANE
ØD1
ØD
h
l
l
l
A
e
e
e
e
1
2
1
1
Øb 2
Øb
0.016 [0.41mm] MAX.
#4
#2
#1
#3
BOTTOM VIEW
1. INTERNAL OPTICAL HEIGHT = 0.065±0.005[1.65±0.1]
SEE NOTE 1
2. BENT LEADS SHOULD NOT EXTNED OUTSIDE
DIAMETER (ØD) OF CAP OR TOUCH EACH OTHER.
3. ALL DIMENSIONS ARE REFENENCE ONLY-EXCEPT A, D & h.
12.70
6.35
0.30
4.60
MIN.
2.85
0.41
5.46
0.36
l
2
1
l
l
1
e
e
h
1
2
Øb
Øb
ØD
ØD
MB
Y
O
S
L
A
13.70
1.27
0.53
13.20
0.46
2.54 T.P.
1.27 T.P.
0.48
4.75
MAX.
3.00
0.51
5.61
2.95
NOM.
MILLIMETERS
Figure 16: T46F Package Outline Diagram


Similar Part No. - AMT121302

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
   MODULAR INCREMENTAL ENCODER
AMT12 CUI-AMT12 Datasheet
1Mb / 7P
   MODULAR INCREMENTAL ENCODER
09/10/2021
logo
CUI Devices
AMT12 CUID-AMT12 Datasheet
1,007Kb / 7P
   MODULAR INCREMENTAL ENCODER
08/05/2022
logo
CUI INC
AMT122S-0096-1000 CUI-AMT122S-0096-1000 Datasheet
1Mb / 7P
   MODULAR INCREMENTAL ENCODER
AMT122S-0096-1000 CUI-AMT122S-0096-1000 Datasheet
1Mb / 7P
   MODULAR INCREMENTAL ENCODER
09/10/2021
More results

Similar Description - AMT121302

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
logo
Pulse A Technitrol Comp...
SFPT-ZX8-01 PULSE-SFPT-ZX8-01 Datasheet
206Kb / 10P
   1.25Gb/s 1550nm Single-mode SFP Transceiver
logo
ANADIGICS, Inc
ATA121302 ANADIGICS-ATA121302 Datasheet
203Kb / 8P
   1.25Gb/s Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com