Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F951C226MBAAQ2 Datasheet(PDF) 1 Page - Nichicon corporation

Part # F951C226MBAAQ2
Description  SOLID TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

F951C226MBAAQ2 Datasheet(HTML) 1 Page - Nichicon corporation

  F951C226MBAAQ2 Datasheet HTML 1Page - Nichicon corporation F951C226MBAAQ2 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type numbering system (Example : 4V 330µF)
Drawing
L
W
H
Solder electrode
electrode
Solder
AB
C
(D)
Resin
Single-side electrodes
(Both electrodes at bottom side only)
Taping code
(Refer to page 333 for details)
Single face electrode
F
1
9
2
5
3
0
4
G
5
3
6
3
7
7
8
M
9
A
10
11
A
12
Q
13
2
14
Case code
Capacitance tolerance
Rated capacitance
Rated voltage
Series
After applying the pressure load of 5N
for 10 ± 1 seconds horizontally to the
center of capacitor side body which has
no electrode and has been soldered
beforehand on a substrate, there shall be
found neither exfoliation
nor its sign at the terminal electrode.
Refer to next page
Provided that
• After 1 minute's application of rated voltage, leakage current at 85˚C,
10 times or less than 20˚C specified value.
• After 1 minute's application of rated voltage, leakage current at 125˚C,
12.5 times or less than 20˚C specified value.
10 seconds reflow at 260˚C, 10 seconds immersion at 260˚C
+15% Max. (at +125˚C)
+10% Max. (at + 85˚C)
--10% Max. (at --55˚C)
Damp Heat
(Steady State)
Temperature Cycles
At 40˚C, 90 to 95% R.H., For 500 hours (No voltage applied)
Capacitance Change •••••• Refer to next page (
*1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••••• Initial specified value or less
At --55˚C / +125˚C, 30 minutes each, For 5 cycles,
Capacitance Change •••••• Refer to next page (
*1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••• •• Initial specified value or less
Resistance to
Soldering Heat
Capacitance Change •••••• Refer to next page (
*1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••• •• Initial specified value or less
Endurance
After 2000 hours' application of rated voltage at 85˚C,
capacitors shall meet the characteristic requirements table below.
Capacitance Change •••••• Refer to next page (
*1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••••• Initial specified value or less
Surge
After application of surge voltage in series with a 33
resistor at the rate of 30
seconds ON, 30 seconds OFF, for 1000 successive test cycles at 85˚C,
capacitors shall meet the characteristic requirements table below.
Capacitance Change •••••• Refer to next page (
*1)
Dissipation Factor •••••••••• Initial specified value or less
Leakage Current •••••••••••• Initial specified value or less
Shear Test
Terminal Strength
Keeping a capacitor surface-mounted on a substrate upside
down and supporting the substrate at both of the opposite
bottom points 45mm apart from the center of capacitor,
the pressure strength is applied with
a specified jig at the center of
substrate so that the substrate may
bend by 1mm as illustrated. Then,
there shall be found no remarkable
abnormality on the capacitor terminals.
5N (0.51kg f)
For 10
± 1 seconds
SOLID TANTALUM ELECTROLYTIC CAPACITORS
F95 Conformalcoated
Chip
Specifications
Item
Category
Temperature Range
Capacitance Tolerance
Dissipation Factor
(at 120Hz)
Leakage Current
Capacitance Change
by Temperature
Per formance Characteristics
--55 to +125˚C (Rated temperature : +85˚C)
± 20%, ± 10% (at 120Hz) (However R P Case ± 20%)
D dimension only for reference
( ) The series in parentheses are being developed.
Please contact to your local Nichicon sales office when
these series are being designed in your application.
Dimensions
Refer to next page
R230
45
45
20
∗ As for the surge voltage, refer to page 332 for details.
Standard Ratings
(mm)
Refer to next page
ESR(100kHz)
Case code
L
2.2 ± 0.3 1.25 ± 0.3 1.0 ± 0.2
0.6 ± 0.3
0.8 ± 0.3
0.8 ± 0.3
W
H
A
B
C
( D )
(0.2)
P
2.2 ± 0.3 1.25 ± 0.3 0.65MAX.
0.6 ± 0.3
0.8 ± 0.3
0.5MIN
(0.2)
R
3.2 ± 0.2
1.6 ± 0.2
0.8 ± 0.2
0.8 ± 0.2
1.2 ± 0.2
0.8 ± 0.2
(0.2)
Q
3.2 ± 0.3
1.6 ± 0.3
1.0 ± 0.2
0.8 ± 0.3
1.2 ± 0.3
0.8 ± 0.3
(0.2)
S
1.4 ± 0.2
1.0 ± 0.2
0.8 ± 0.3
0.8 ± 0.2
1.2 ± 0.3
1.2 ± 0.2
0.8 ± 0.3
1.1 ± 0.2
1.7 ± 0.3
2.7 ± 0.2
3.2 ± 0.3
3.5 ± 0.2
(0.2)
(0.2)
A
T
1.8 ± 0.2
0.8 ± 0.3
1.2 ± 0.3
1.1 ± 0.3
2.8 ± 0.2
3.5 ± 0.2
(0.2)
B
Compliant to the RoHS directive (2002/95/EC).
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
105
155
225
335
475
685
106
156
226
336
476
686
107
157
227
337
477
687
(R)
P S A
P B
(P) Q S A T B
(P) (S) A TB
(P) (A) (T) B
(T)
R
(R) P
P
P
P Q S A T B
B
(S) (A) (T) B
B
(B)
R P
P
P Q S A
P Q S A
P (Q) SATB
B
(S) A T B
R P
P Q S A
S A
Q S A T B
(A) T B
B
P
S A
S A B
B
P S
A
B
4
0G
6.3
0J
10
1A
16
1C
20
1D
25
1E
35
1V
Cap.
(
µF)
Code
V
R
R P
P Q S A
(Q) (S)
A (T) B
Applications
Smartphone
Wireless module
Tablet PC
e-book
CAT.8100B


Similar Part No. - F951C226MBAAQ2

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F951C226MBAAQ2 NICHICON-F951C226MBAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F951C226MBAAQ2

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2 Datasheet
90Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F980E476MMA NICHICON-F980E476MMA Datasheet
73Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F970J335MAA NICHICON-F970J335MAA_09 Datasheet
73Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F720G107MR NICHICON-F720G107MR Datasheet
85Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F981A476MSA NICHICON-F981A476MSA Datasheet
67Kb / 1P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com