Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS01B305151 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # WS01B305151
Description  Heavy Duty Screw Mount Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS01B305151 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button WS01B305151 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS01B305151 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS01B305151 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS01B305151 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS01B305151 Datasheet HTML 9Page - List of Unclassifed Manufacturers WS01B305151 Datasheet HTML 10Page - List of Unclassifed Manufacturers WS01B305151 Datasheet HTML 11Page - List of Unclassifed Manufacturers WS01B305151 Datasheet HTML 12Page - List of Unclassifed Manufacturers WS01B305151 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SPE-13-8-018/B/SS
| page 10 of 13
4. Antenna Radiation
4.2 Result Summary
Channel
2400
2450
2500
5150
5250
5350
Note
Ant. Port Input Pwr. (dBm)
0
0
0
0
0
0
Tot. Rad. Pwr. (dBm)
-1.98761
-1.61782
-1.77651
-3.01447
-3.8051
-3.23583
Peak EIRP (dBm)
3.0513
4.05447
4.1152
4.7407
4.37813
4.71773
Directivity (dBi)
5.03891
5.67229
5.89171
7.75517
8.18322
7.95356
Efficiency (dB)
-1.98761
-1.61782
-1.77651
-3.01447
-3.8051
-3.23583
Efficiency (%)
63.276
68.8997
66.4276
49.952
41.638
47.4698
Gain (dBi)
3.0513
4.05447
4.1152
4.7407
4.37813
4.71773
NHPRP ±Pi/4 (dBm)
-3.25016
-2.86259
-3.02232
-4.67614
-5.69757
-5.29538
NHPRP ±Pi/6 (dBm)
-4.39266
-4.02363
-4.19465
-6.60698
-7.70604
-7.19484
NHPRP ±Pi/8 (dBm)
-5.32364
-5.01353
-5.19258
-7.87659
-8.98205
-8.37507
Upper Hem. PRP (dBm)
-6.08301
-5.80993
-5.86805
-7.71601
-8.71586
-8.08409
Lower Hem. PRP (dBm)
-4.13045
-3.70008
-3.92182
-4.81064
-5.49788
-4.95872
NHPRP4 / TRP Ratio (dB)
-1.26255
-1.24477
-1.2458
-1.66167
-1.89247
-2.05955
NHPRP4 / TRP Ratio (%)
74.773
75.0798
75.062
68.2076
64.6774
62.2365
NHPRP6 / TRP Ratio (dB)
-2.40505
-2.4058
-2.41814
-3.59251
-3.90094
-3.95901
NHPRP6 / TRP Ratio (%)
57.4771
57.4672
57.3041
43.7269
40.7292
40.1882
NHPRP8 / TRP Ratio (dB)
-3.33604
-3.39571
-3.41607
-4.86212
-5.17695
-5.13924
NHPRP8 / TRP Ratio (%)
46.387
45.754
45.54
32.6428
30.3602
30.625
UHPRP / TRP Ratio (dB)
-4.0954
-4.19211
-4.09154
-4.70155
-4.91076
-4.84826
UHPRP / TRP Ratio (%)
38.9457
38.0881
38.9804
33.8723
32.2793
32.7472
LHPRP / TRP Ratio (dB)
-2.14284
-2.08226
-2.1453
-1.79617
-1.69279
-1.7229
LHPRP / TRP Ratio (%)
61.0543
61.9119
61.0196
66.1277
67.7207
67.2528
Front/Back Ratio (dB)
3.42725
3.56765
3.94055
10.1253
13.1799
10.9587
Phi BW (°)
112
96
86
42
40
42
+ Phi BW (°)
66
58
52
17
19
24
- Phi BW (°)
46
38
34
25
21
18
Theta BW (°)
49
35
35
36
34
32
+ Th. BW (°)
25
20
24
23
23
12
- Th. BW (°)
24
15
11
13
11
20
Boresight Phi (°)
270
270
270
75
75
60
Boresight Th. (°)
105
105
105
135
135
150
Maximum Power (dBm)
3.0513
4.05447
4.1152
4.7407
4.37813
4.71773
Minimum Power (dBm)
-15.0552
-14.2956
-14.3893
-15.5291
-16.4014
-15.3489
Average Power (dBm)
-2.26887
-1.84221
-2.02397
-3.4037
-4.13521
-3.4448
Max/Min Ratio (dB)
18.1065
18.3501
18.5045
20.2699
20.7795
20.0666
Max/Avg Ratio (dB)
5.32018
5.89668
6.13917
8.14441
8.51333
8.16253
Max/Avg Ratio (dB)
-12.7863
-12.4534
-12.3653
-12.1254
-12.2662
-11.9041
Average Gain (dB)
-1.98761
-1.61782
-1.77651
-3.01447
-3.8051
-3.23583
E-Plane BW (°)
45
33
34
32
31
35
+ E-Plane BW (°)
20
18
22
19
20
12
- E-Plane BW (°)
25
15
12
13
11
23
H-Plane BW (°)
115
105
93
51
45
39
+ H-Plane BW (°)
69
70
65
16
16
20
- H-Plane BW (°)
46
35
28
35
29
19


Similar Part No. - WS01B305151

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WS02-CXPC1-E OMRON-WS02-CXPC1-E Datasheet
1,006Kb / 27P
   CPM1A System configuration
WS02-CXPC1-E-VJJ OMRON-WS02-CXPC1-E-VJJ Datasheet
344Kb / 15P
   CJ1 Ordering Guide
WS02-CXPC1-EV OMRON-WS02-CXPC1-EV Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
WS02-CXPC1-EV OMRON-WS02-CXPC1-EV Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
WS02-EDMC1-V2 OMRON-WS02-EDMC1-V2 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Similar Description - WS01B305151

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA510CCG005 TAOGLAS-MA510CCG005 Datasheet
1Mb / 19P
   Heavy Duty Screw Mount Antenna
MA530ACG003 TAOGLAS-MA530ACG003 Datasheet
1Mb / 16P
   Taoglas ?쏹ltima??Antenna Heavy Duty Screw Mount Antenna
logo
List of Unclassifed Man...
IS01B305111 ETC2-IS01B305111 Datasheet
666Kb / 13P
   433 MHz Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
IS01B305111 TAOGLAS-IS01B305111 Datasheet
933Kb / 15P
   433 MHz Heavy Duty Screw Mount Antenna
logo
List of Unclassifed Man...
A01C301111 ETC2-A01C301111 Datasheet
339Kb / 8P
   GPS Hercules Heavy Duty Screw Mount Antenna
logo
Taoglas antenna solutio...
A01C301111 TAOGLAS-A01C301111 Datasheet
534Kb / 9P
   GPS/GALILEO Hercules Heavy Duty Screw Mount Antenna
MA140.A.LB.001 TAOGLAS-MA140.A.LB.001 Datasheet
3Mb / 23P
   Heavy duty screw mount
G24.A.305111 TAOGLAS-G24.A.305111 Datasheet
839Kb / 21P
   Heavy duty screw mount
A.30.A.301111 TAOGLAS-A.30.A.301111 Datasheet
900Kb / 12P
   heavy duty screw mount
logo
Advantech Co., Ltd.
TREK-ANT ADVANTECH-TREK-ANT Datasheet
455Kb / 3P
   Heavy duty screw mount
6-Jan-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com