Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP5N52K3 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP5N52K3
Description  N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N52K3 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP5N52K3 Datasheet HTML 5Page - STMicroelectronics STP5N52K3 Datasheet HTML 6Page - STMicroelectronics STP5N52K3 Datasheet HTML 7Page - STMicroelectronics STP5N52K3 Datasheet HTML 8Page - STMicroelectronics STP5N52K3 Datasheet HTML 9Page - STMicroelectronics STP5N52K3 Datasheet HTML 10Page - STMicroelectronics STP5N52K3 Datasheet HTML 11Page - STMicroelectronics STP5N52K3 Datasheet HTML 12Page - STMicroelectronics STP5N52K3 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
STB5N52K3, STD5N52K3, STF5N52K3, STP5N52K3, STU5N52K3
Test circuits
Doc ID 16952 Rev 2
9/23
3
Test circuits
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped inductive load test
circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STP5N52K3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STP5N52K3 ETC2-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
More results

Similar Description - STP5N52K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STB11N52K3 STMICROELECTRONICS-STB11N52K3 Datasheet
1Mb / 20P
   N-channel 525 V, 0.41 ohm, 10 A SuperMESH3 Power MOSFET
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD5N52U STMICROELECTRONICS-STD5N52U Datasheet
943Kb / 18P
   N-channel 525 V, 1.28 ohm, 4.4 A, DPAK, TO-220FP, I2PAK UltraFASTmesh Power MOSFET
STB5N62K3 STMICROELECTRONICS-STB5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
   N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
STD6N52K3 STMICROELECTRONICS-STD6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
logo
Unisonic Technologies
UF624 UTC-UF624 Datasheet
206Kb / 6P
   4.4 A, 250 V N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com