Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTY30N50E Datasheet(PDF) 6 Page - Motorola, Inc

Part # MTY30N50E
Description  TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.15 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTY30N50E Datasheet(HTML) 6 Page - Motorola, Inc

  MTY30N50E Datasheet HTML 1Page - Motorola, Inc MTY30N50E Datasheet HTML 2Page - Motorola, Inc MTY30N50E Datasheet HTML 3Page - Motorola, Inc MTY30N50E Datasheet HTML 4Page - Motorola, Inc MTY30N50E Datasheet HTML 5Page - Motorola, Inc MTY30N50E Datasheet HTML 6Page - Motorola, Inc MTY30N50E Datasheet HTML 7Page - Motorola, Inc MTY30N50E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MTY30N50E
6
Motorola TMOS Power MOSFET Transistor Device Data
SAFE OPERATING AREA
1
0.1
0.01
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
t, TIME (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
3000
2500
1000
0
25
50
75
100
125
150
100
10
1
0.1
0.1
1
10
100
1000
100
µs
1 ms
10 ms
dc
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
Figure 13. Thermal Response
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
VGS = 20 V
SINGLE PULSE
TC = 25°C
ID = 30 A
SINGLE PULSE
2000
1500
500
10
µs
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb


Similar Part No. - MTY30N50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTY30N50E ONSEMI-MTY30N50E Datasheet
200Kb / 8P
   N?묬hannel Power MOSFET
Sept, 2004 ??Rev. XXX
More results

Similar Description - MTY30N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTD3055V MOTOROLA-MTD3055V Datasheet
206Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
MTE53N50E MOTOROLA-MTE53N50E Datasheet
167Kb / 8P
   TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTV16N50E MOTOROLA-MTV16N50E Datasheet
276Kb / 10P
   TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com