Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S2048X-10LI Datasheet(PDF) 11 Page - AMIC Technology

Part # LP62S2048X-10LI
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048X-10LI Datasheet(HTML) 11 Page - AMIC Technology

Back Button LP62S2048X-10LI Datasheet HTML 7Page - AMIC Technology LP62S2048X-10LI Datasheet HTML 8Page - AMIC Technology LP62S2048X-10LI Datasheet HTML 9Page - AMIC Technology LP62S2048X-10LI Datasheet HTML 10Page - AMIC Technology LP62S2048X-10LI Datasheet HTML 11Page - AMIC Technology LP62S2048X-10LI Datasheet HTML 12Page - AMIC Technology LP62S2048X-10LI Datasheet HTML 13Page - AMIC Technology LP62S2048X-10LI Datasheet HTML 14Page - AMIC Technology LP62S2048X-10LI Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LP62S2048-I Series
(August, 2001, Version 1.0)
11
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0.4V to 2.4V
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ1,
tCLZ2, tOHZ, tOLZ, tCHZ1,
tCHZ2, tWHZ, and tOW
Data Retention Characteristics (TA = -40
°C to 85°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR1
2.0
3.3
V
CE1
≥ VCC - 0.2V
VDR2
VCC for Data Retention
2.0
3.3
V
CE2
≤ 0.2V,
ICCDR1
L-Version
-
20*
µA
VCC = 2.0V,
CE1
≥ VCC - 0.2V,
Data Retention Current
LL-Version
-
5**
VIN
≥ 0V
ICCDR2
L-Version
-
20*
µA
VCC = 2.0V,
CE2
≤ 0.2V,
LL-Version
-
5**
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
tR
Operation Recovery Time
tRC
-
ns
See Retention Waveform
tVR
VCC Rising Time from Data Retention Voltage
to Operating Voltage
5
-
ms
** LP62S2048-70LLI/10LLI
ICCDR: max.
1
µA at TA = 0°C to + 40°C
*
LP62S2048-70LI/10LI
ICCDR: max.
5
µA at TA = 0°C to + 40°C


Similar Part No. - LP62S2048X-10LI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048X-10LLT AMICC-LP62S2048X-10LLT Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048X-10LT AMICC-LP62S2048X-10LT Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S2048X-10LI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com