Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TI192113 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TI192113
Description  2dBi 915MHz ISM Band Dipole Terminal Antenna, SMA(M) Hinge
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TI192113 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TI192113 Datasheet HTML 1Page - List of Unclassifed Manufacturers TI192113 Datasheet HTML 2Page - List of Unclassifed Manufacturers TI192113 Datasheet HTML 3Page - List of Unclassifed Manufacturers TI192113 Datasheet HTML 4Page - List of Unclassifed Manufacturers TI192113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TI192113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TI192113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TI192113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TI192113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SPE-11-8-014/F/ZL
Page 3 of 23
3. Antenna S11 Properties
3.1 Return Loss
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
700
800
900
1000
1100
bend
straight
3.2 VSWR
1
2
3
4
5
6
7
8
9
10
700
800
900
1000
1100
bend
straight


Similar Part No. - TI192113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TI100111 ETC2-TI100111 Datasheet
225Kb / 5P
   433MHz ISM Band Terminal Antenna Omni-directional, with a peak gain of 0dBi
logo
Taoglas antenna solutio...
TI100111 TAOGLAS-TI100111 Datasheet
136Kb / 5P
   433MHz ISM Band Terminal Antenna
logo
List of Unclassifed Man...
TI100112 ETC2-TI100112 Datasheet
222Kb / 5P
   433MHz ISM Band Terminal Antenna Omni-directional, with a peak gain of 0dBi
TI100421 ETC2-TI100421 Datasheet
156Kb / 5P
   433MHz ISM Band Terminal Antenna Omni-directional, with a peak gain of 0dBi
TI100422 ETC2-TI100422 Datasheet
374Kb / 6P
   433MHz ISM Band Helical Antenna Omni-directional, with a peak gain of 0dBi
More results

Similar Description - TI192113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TI090111 ETC2-TI090111 Datasheet
191Kb / 4P
   0dBi 915MHz ISM Band Straight Dipole Terminal Antenna, SMA(M) Straight
TI183113 ETC2-TI183113 Datasheet
823Kb / 22P
   3dBi 868MHz ISM Band Dipole Terminal Antenna, SMA(M) Hinged Connector
TI08A0111 ETC2-TI08A0111 Datasheet
262Kb / 11P
   868MHz ISM Band Dipole Terminal Antenna
logo
Tyco Electronics
1307028 MACOM-1307028 Datasheet
190Kb / 2P
   Dipole Antenna for ISM Band
logo
Maxtena Inc.
MEA-915-SM MAXTENA-MEA-915-SM Datasheet
457Kb / 3P
   External 915MHz ISM Band Antenna
REV A
logo
Taoglas antenna solutio...
FW95BSMAM TAOGLAS-FW95BSMAM Datasheet
2Mb / 12P
   Meteor ISM Band 915Mhz Flexible Whip Monopole Antenna SMA(M) Straight
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
   868MHz-915MHz ISM band antenna
REV A
logo
Taoglas antenna solutio...
GW17070250E TAOGLAS-GW17070250E Datasheet
566Kb / 30P
   2.4GHz 2dBi Click-in Terminal Dipole Antenna
logo
List of Unclassifed Man...
FXP290070100A ETC2-FXP290070100A Datasheet
512Kb / 8P
   915MHz ISM Band Flex Circuit Antenna
logo
Taoglas antenna solutio...
FXP290070100A TAOGLAS-FXP290070100A Datasheet
451Kb / 9P
   915MHz ISM Band Flex Circuit Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com