Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUEB1H2R2S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUEB1H2R2S
Description  Aluminum Electrolytic Capacitors/ EB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEB1H2R2S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUEB1H2R2S Datasheet HTML 1Page - Panasonic Semiconductor EEUEB1H2R2S Datasheet HTML 2Page - Panasonic Semiconductor EEUEB1H2R2S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EB
– EEE-87 –
0D±0.5
05 to 08
010
0d±0.05
Sleeve
14 min.
3 min.
L
(
08 15 only L±1.5)
L 16 : L±1.0
L 20 : L±2.0
Pressure relief
06.3
+
0D±0.5
Features
● Endurance : +105 °C 5000 h to 10000 h
● Hight ripple hight frequency (Hight Voltage)
● RoHS directive compliant
Radial Lead Type
Series:
EB
Type:
A
Specifications
Category Temp. Range
–40 °C to +105 °C
–25 °C to +105 °C
Rated W.V. Range
10 V.DC to 63 V.DC
160 V.DC to 450 V.DC
Nominal Cap. Range
2.2 μF to 3300 μF
10 μF to 330 μF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV or 3 (μA)
After 2 minutes application of rated working voltage at +20 °C (Whichever is greater)
tan d
Please see the attached standard products list
Endurance
After following life test with DC voltage and +105 °C±2 °C ripple current value applied
(The sum of DC and ripple peak voltage shall not exceed the rated working voltage), when
the capacitors are restord to 20 °C, the capacitors shall meet the limits specified below.
(10 to 63 V.DC)
Duration :
05×11 to 08×11.5 : 5000 hours 05×15 to 06.3×15 : 7000 hours
08×15 to 012.5×25 : 10000 hours
Capacitance change
±30 % of initial measured value
tan
d
< 300 % of initial specified value
DC leakage current
< initial specified value
(160 to 450 V.DC)
Duration : 5000 hours
Capacitance change
±20 % of initial measured value
tan
d
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Body Dia. 0D
5
6.3
8
10
12.5
16
18
Lead Dia. 0d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
Lead space F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
Frequency correction factor for ripple current
(10 ~ 63 V.DC)
Capacitance
(μF)
Frequency (Hz)
60
120
1 k
10 k
100 k
0.47 to
10
0.75
1.00
1.40
1.55
1.65
22
to
470
0.85
1.00
1.20
1.25
1.30
1000
to 3300
0.95
1.00
1.05
1.10
1.15
W. V.
(V. DC)
Frequency (Hz)
120
1 k
10 k to 30k 30 k to 100k
160 to 250
0.55
0.85
0.90
1.00
350 to 450
0.50
0.80
0.90
1.00
Dimensions in mm (not to scale)
(Unit : mm)
01 Oct. 2013


Similar Part No. - EEUEB1H2R2S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
91Kb / 5P
   Aluminum Electrolytic Capacitor/EB
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
157Kb / 2P
   Radial Lead Type
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1H2R2S PANASONIC-EEUEB1H2R2S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
More results

Similar Description - EEUEB1H2R2S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EB1A222B PANASONIC-EEU-EB1A222B Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1E101H PANASONIC-EEU-EB1E101H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470H PANASONIC-EEU-EB1H470H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H100S PANASONIC-EEU-EB1H100S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEUEB1A101 PANASONIC-EEUEB1A101 Datasheet
91Kb / 5P
   Aluminum Electrolytic Capacitor/EB
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com