Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP085N10AF102 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP085N10AF102
Description  N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP085N10AF102 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP085N10AF102 Datasheet HTML 1Page - Fairchild Semiconductor FDP085N10AF102 Datasheet HTML 2Page - Fairchild Semiconductor FDP085N10AF102 Datasheet HTML 3Page - Fairchild Semiconductor FDP085N10AF102 Datasheet HTML 4Page - Fairchild Semiconductor FDP085N10AF102 Datasheet HTML 5Page - Fairchild Semiconductor FDP085N10AF102 Datasheet HTML 6Page - Fairchild Semiconductor FDP085N10AF102 Datasheet HTML 7Page - Fairchild Semiconductor FDP085N10AF102 Datasheet HTML 8Page - Fairchild Semiconductor FDP085N10AF102 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
©2011 Fairchild Semiconductor Corporation
FDP085N10A_F102 Rev. C0
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs. Drain to Source Voltage
Figure 12. Unclamped Inductive
Switching Capability
-80
-40
0
40
80
120
160
200
0.92
0.96
1.00
1.04
1.08
1.12
*Notes:
1. VGS = 0V
2. ID = 250μA
TJ, Junction Temperature [
o
C]
-80
-40
0
40
80
120
160
200
0.5
1.0
1.5
2.0
2.5
*Notes:
1. VGS = 10V
2. ID = 96A
TJ, Junction Temperature [
o
C]
25
50
75
100
125
150
175
0
20
40
60
80
100
RθJC = 0.8
o
C/W
VGS= 10V
TC, Case Temperature [
o
C]
1
10
100
200
0.1
1
10
100
1000
10μs
100μs
1ms
10ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
DC
0
20406080
100
0.0
0.5
1.0
1.5
2.0
2.5
V
DS
, Drain to Source Voltage [V]
0.01
0.1
1
10
100 300
1
10
30
If R = 0
tAV = (L)(IAS)/(1.3*RATED BVDSS-VDD)
If R = 0
tAV = (L/R)In[(IAS*R)/(1.3*RATED BVDSS-VDD)+1]
STARTING TJ = 25
o
C
STARTING TJ = 150
o
C
tAV, TIME IN AVALANCHE (ms)


Similar Part No. - FDP085N10AF102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Inchange Semiconductor ...
FDP085N10A ISC-FDP085N10A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDP085N10A-F102 ONSEMI-FDP085N10A-F102 Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
More results

Similar Description - FDP085N10AF102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
FDP8D5N10C ONSEMI-FDP8D5N10C Datasheet
1,022Kb / 8P
   N-Channel Shielded Gate PowerTrench짰 MOSFET 100 V, 76 A, 8.5 m廓
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS8880 FAIRCHILD-FDMS8880 Datasheet
284Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 21 A, 8.5 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
logo
Diodes Incorporated
FDD86102LZ DIODES-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
Fairchild Semiconductor
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com