Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF4513ML Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWF4513ML
Description  Metallized Polypropylene Film Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4513ML Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWF4513ML Datasheet HTML 1Page - Panasonic Semiconductor ECWF4513ML Datasheet HTML 2Page - Panasonic Semiconductor ECWF4513ML Datasheet HTML 3Page - Panasonic Semiconductor ECWF4513ML Datasheet HTML 4Page - Panasonic Semiconductor ECWF4513ML Datasheet HTML 5Page - Panasonic Semiconductor ECWF4513ML Datasheet HTML 6Page - Panasonic Semiconductor ECWF4513ML Datasheet HTML 7Page - Panasonic Semiconductor ECWF4513ML Datasheet HTML 8Page - Panasonic Semiconductor ECWF4513ML Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC52−
Plastic Film Capacitors
■Rating, Dimensions& Quantity/Ammo Box
Type ECWF(L) Rated voltage : 400 VDC
Suffix for lead crimped
Capacitance tolerance code
▲▲
Part No.
Cap.
(µF)
ECWF4223ML( )
ECWF4243ML( )
ECWF4273ML( )
ECWF4303ML( )
ECWF4333ML( )
ECWF4363ML( )
ECWF4393ML( )
ECWF4433ML( )
ECWF4473ML( )
ECWF4513ML( )
ECWF4563ML( )
ECWF4623ML( )
ECWF4683ML( )
ECWF4753ML( )
ECWF4823ML( )
ECWF4913ML( )
ECWF4104ML( )
ECWF4114ML( )
ECWF4124ML( )
ECWF4134ML( )
ECWF4154ML( )
ECWF4164ML( )
ECWF4184ML( )
ECWF4204ML( )
ECWF4224ML( )
ECWF4244ML( )
ECWF4274ML( )
ECWF4304ML( )
ECWF4334ML( )
ECWF4364ML( )
ECWF4394ML( )
ECWF4434ML( )
ECWF4474ML( )
ECWF4514ML( )
ECWF4564ML( )
ECWF4624ML( )
ECWF4684ML( )
ECWF4754ML( )
ECWF4824ML( )
ECWF4914ML( )
ECWF4105ML( )
ECWF4115ML( )
ECWF4125ML( )
ECWF4135ML( )
ECWF4155ML( )
ECWF4165ML( )
ECWF4185ML( )
ECWF4205ML( )
ECWF4225ML( )
ECWF4245ML( )
0.022
0.024
0.027
0.030
0.033
0.036
0.039
0.043
0.047
0.051
0.056
0.062
0.068
0.075
0.082
0.091
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.20
0.22
0.24
0.27
0.30
0.33
0.36
0.39
0.43
0.47
0.51
0.56
0.62
0.68
0.75
0.82
0.91
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
Dimensions (mm)
Min. order Q'ty
L max
T max
H max
Straight Crimped lead
F
Straight
S
Crimped lead
ød
Bulk
Taping
7.5mm
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
13.0
13.0
13.0
13.0
13.0
15.5
15.5
15.5
15.5
15.5
15.5
15.5
15.5
15.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
20.5
20.5
20.5
20.5
20.5
23.0
23.0
23.0
23.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
28.0
5.8
6.0
6.2
6.4
6.7
5.7
5.8
6.0
6.2
6.4
6.6
6.8
7.0
7.3
7.5
7.8
6.5
6.8
7.0
7.2
7.6
7.8
8.2
8.6
9.0
8.3
8.8
9.2
9.6
9.9
10.3
10.7
11.2
10.3
10.7
11.3
11.8
12.3
11.8
12.4
13.0
13.6
12.3
12.8
13.7
14.2
15.2
16.0
16.8
17.5
8.6
8.8
9.0
9.3
9.5
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.9
10.1
10.4
10.7
11.0
11.3
11.5
11.8
12.2
12.4
12.8
13.3
13.6
13.0
13.4
13.9
14.3
14.7
15.1
15.6
16.1
16.8
17.3
17.9
18.5
19.1
18.5
19.2
19.8
20.5
19.1
19.6
20.7
21.2
22.2
23.1
24.0
24.8
13.6
13.8
14.0
14.3
14.5
13.4
13.6
13.8
14.0
14.2
14.4
14.6
14.9
15.1
15.4
15.7
16.0
16.3
16.5
16.8
17.2
17.4
17.8
18.3
18.6
18.0
18.4
18.9
19.3
19.7
20.1
20.6
21.1
21.8
22.3
22.9
23.5
24.1
23.5
24.2
24.8
25.5
24.1
24.6
25.7
26.2
27.2
28.1
29.0
29.8
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
17.5
17.5
17.5
17.5
17.5
20.0
20.0
20.0
20.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1100
1000
900
1100
1000
900
800
500
400
300
200
300
200
–––
500
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
52


Similar Part No. - ECWF4513ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4513ML PANASONIC-ECWF4513ML Datasheet
326Kb / 10P
   Metallized polyoropylene Film Capacitor
ECWF4513ML PANASONIC-ECWF4513ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4513ML PANASONIC-ECWF4513ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4513MLB PANASONIC-ECWF4513MLB Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4513MLL PANASONIC-ECWF4513MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4513ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com