Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN3N9B00 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN3N9B00
Description  Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN3N9B00 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LQW15AN3N9B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN3N9B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN3N9B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN3N9B00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
4
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound
2012.9.6
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Test Frequency Rated Current
Max. of DC Resistance Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQW15AN47NJ00
p
47nH ±5%
100MHz
210mA
1.08ohm
25
200MHz
2.9GHz
LQW15AN51NG00
p 51nH ±2%
100MHz
210mA
1.08ohm
25
200MHz
2.85GHz
LQW15AN51NH00
p
51nH ±3%
100MHz
210mA
1.08ohm
25
200MHz
2.85GHz
LQW15AN51NJ00
p
51nH ±5%
100MHz
210mA
1.08ohm
25
200MHz
2.85GHz
LQW15AN56NG00
p 56nH ±2%
100MHz
200mA
1.17ohm
25
200MHz
2.8GHz
LQW15AN56NH00
p
56nH ±3%
100MHz
200mA
1.17ohm
25
200MHz
2.8GHz
LQW15AN56NJ00
p
56nH ±5%
100MHz
200mA
1.17ohm
25
200MHz
2.8GHz
LQW15AN62NG00
p 62nH ±2%
100MHz
145mA
1.82ohm
20
200MHz
2.6GHz
LQW15AN62NH00
p
62nH ±3%
100MHz
145mA
1.82ohm
20
200MHz
2.6GHz
LQW15AN62NJ00
p
62nH ±5%
100MHz
145mA
1.82ohm
20
200MHz
2.6GHz
LQW15AN68NG00
p 68nH ±2%
100MHz
140mA
1.96ohm
20
200MHz
2.5GHz
LQW15AN68NJ00
p
68nH ±5%
100MHz
140mA
1.96ohm
20
200MHz
2.5GHz
LQW15AN72NG00
p 72nH ±2%
100MHz
135mA
2.10ohm
20
150MHz
2.5GHz
LQW15AN72NJ00
p
72nH ±5%
100MHz
135mA
2.10ohm
20
150MHz
2.5GHz
LQW15AN75NG00
p 75nH ±2%
100MHz
135mA
2.10ohm
20
150MHz
2.4GHz
LQW15AN75NJ00
p
75nH ±5%
100MHz
135mA
2.10ohm
20
150MHz
2.4GHz
LQW15AN82NG00
p 82nH ±2%
100MHz
130mA
2.24ohm
20
150MHz
2.3GHz
LQW15AN82NJ00
p
82nH ±5%
100MHz
130mA
2.24ohm
20
150MHz
2.3GHz
LQW15AN91NG00
p 91nH ±2%
100MHz
125mA
2.38ohm
20
150MHz
2.1GHz
LQW15AN91NJ00
p
91nH ±5%
100MHz
125mA
2.38ohm
20
150MHz
2.1GHz
LQW15ANR10J00
p 100nH ±5%
100MHz
120mA
2.52ohm
20
150MHz
1.5GHz
LQW15ANR12J00
p 120nH ±5%
100MHz
110mA
2.66ohm
20
150MHz
1.0GHz
Operating Temperature Range (Self-temperature rise is not included): -55 to +125°C
Only for reflow soldering.
c Q-Frequency Characteristics (Typ.)
0
50
100
150
25
75
125
10
100
1000
10000
Frequency (MHz)
4.7nH
10nH
27nH
82nH
120nH
56nH
c Inductance-Frequency Characteristics (Typ.)
1
10
100
1000
10
100
1000
10000
Frequency (MHz)
120nH
82nH
56nH
27nH
10nH
4.7nH
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.


Similar Part No. - LQW15AN3N9B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN3N9B00 MURATA-LQW15AN3N9B00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQW15AN3N9B00 MURATA-LQW15AN3N9B00 Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN3N9B00 MURATA-LQW15AN3N9B00 Datasheet
75Kb / 2P
   Inductance
LQW15AN3N9B00B MURATA-LQW15AN3N9B00B Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN3N9B00B MURATA-LQW15AN3N9B00B Datasheet
75Kb / 2P
   Inductance
More results

Similar Description - LQW15AN3N9B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N5B00D MURATA-LQW15AN1N5B00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR12J00D MURATA-LQW18ANR12J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN20NG00D MURATA-LQW18AN20NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN2N2D00D MURATA-LQW18AN2N2D00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com