Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWF4393ML Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECWF4393ML
Description  Metallized Polypropylene Film Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4393ML Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECWF4393ML Datasheet HTML 2Page - Panasonic Semiconductor ECWF4393ML Datasheet HTML 3Page - Panasonic Semiconductor ECWF4393ML Datasheet HTML 4Page - Panasonic Semiconductor ECWF4393ML Datasheet HTML 5Page - Panasonic Semiconductor ECWF4393ML Datasheet HTML 6Page - Panasonic Semiconductor ECWF4393ML Datasheet HTML 7Page - Panasonic Semiconductor ECWF4393ML Datasheet HTML 8Page - Panasonic Semiconductor ECWF4393ML Datasheet HTML 9Page - Panasonic Semiconductor ECWF4393ML Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Applicable Specifications
Frequency(kHz)
ECWF(L) Type 630VDC series
* Please consult Panasonic if your condition exceeds the above
*The current(0-P) value is calculated using nominal capacitance.
*When you use this product, peak voltage must not exceed DC rated voltage.
Current Derating by Temperature
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
(Metallized Polypropylene Film)
Capacitor surface temperature (°C)
0
1
2
3
4
5
6
7
8
9
10
60
70
80
90
100
110
Self-temperature rise by Temperature
Capacitor surface temperature (°C)
0
10
20
30
40
50
60
70
80
90
100
60
70
80
90
100
110
Permissible Current
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current(0-P)
(A)
Capacitance
Value(uF)
code
dV/dt
(V/us)
Current(0-P)
(A)
0.01
103
561
5.6
0.12
124
249
29.9
0.012
123
561
6.7
0.15
154
249
37.4
0.015
153
561
8.4
0.18
184
249
44.8
0.018
183
561
10.1
0.22
224
249
54.8
0.022
223
451
9.9
0.27
274
216
58.3
0.027
273
451
12.2
0.33
334
216
71.3
0.033
333
451
14.9
0.39
394
216
84.2
0.039
393
451
17.6
0.47
474
216
101.5
0.047
473
332
15.6
0.56
564
131
73.4
0.056
563
332
18.6
0.68
684
131
89.1
0.068
683
332
22.6
0.82
824
131
107.4
0.082
823
332
27.2
1.00
105
131
131.0
0.10
104
249
24.9
1.20
125
131
157.2
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
10
100
1000
1.3µF
1.0µF
0.68µF
0.47µF
0.33µF
0.22µF
0.15µF
0.10µF
0.068µF
0.047µF
0.033µF
0.022µF
0.015µF
0.01µF


Similar Part No. - ECWF4393ML

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4393ML PANASONIC-ECWF4393ML Datasheet
326Kb / 10P
   Metallized polyoropylene Film Capacitor
ECWF4393ML PANASONIC-ECWF4393ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4393ML PANASONIC-ECWF4393ML Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4393MLB PANASONIC-ECWF4393MLB Datasheet
338Kb / 10P
   Metallized Polypropylene Film Capacitor
ECWF4393MLL PANASONIC-ECWF4393MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4393ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com