Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA0861A Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # ACA0861A
Description  750/860 MHz CATV LINE AMPLIFIER MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA0861A Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button ACA0861A Datasheet HTML 3Page - ANADIGICS, Inc ACA0861A Datasheet HTML 4Page - ANADIGICS, Inc ACA0861A Datasheet HTML 5Page - ANADIGICS, Inc ACA0861A Datasheet HTML 6Page - ANADIGICS, Inc ACA0861A Datasheet HTML 7Page - ANADIGICS, Inc ACA0861A Datasheet HTML 8Page - ANADIGICS, Inc ACA0861A Datasheet HTML 9Page - ANADIGICS, Inc ACA0861A Datasheet HTML 10Page - ANADIGICS, Inc ACA0861A Datasheet HTML 11Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
A
ACA0861 – A, B, C, D
10
750/860 MHz CATV Line Amplifier MMIC
PIN
FUNCTION
1
GND
2
Leave Open
3
RFIN #1
4
GND
5
GND
6
RFIN #2
7
IADJ Resistor
8
GND
9
GND
10
+VD
11
RFOUT #2
12
GND
13
GND
14
RFOUT #1
15
+VD
16
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
N/C
R
1
+VD
L2
+ VD
RF In
RF Out
L1
T
1
T
2
C
1
C
2
C
4
C
3
C
6
C
5
Note:
Apply voltage to both VD lines simultaneously
Figure 1. Test Circuit
TABLE I
Current Set Resistor
PART LIST
Part Suffix
R1
Designation
Description
ACA0861A
21.5
C1
.01
µF
ACA0861B
274
C2
.01
µF
ACA0861C
121
C3
300 pF
ACA0861D
OPEN
C4
300 pF
C5
.01
µF
C6
.01
µF
R1
See Table I
L1, L2
390 nH
T1, T2
5 Turns, 75
Ω Twin Lead Around Ferrite Core
WIRE: MWS B2383611
CORE: Philips 135 CT 0503D3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ACA0861
12dB
12dB
N/C
.01 uF
+12 Vdc
390 nH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ACA0861
12dB
12dB
N/C
R1
+12 Vdc
RF Out
RF In
390 nH
390 nH
390 nH
300 pF
300pF
.01 uF
300pF
.01 uF
+ 12 Vdc
+12 Vdc
300 pF
.01 uF
.01 uF
.01
uF
R1
Figure 2. Hybrid Equivalent Test Circuit


Similar Part No. - ACA0861A

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0861A ANADIGICS-ACA0861A Datasheet
952Kb / 16P
   750/860 MHz CATV Line Amplifier MMIC
logo
Skyworks Solutions Inc.
ACA0861A SKYWORKS-ACA0861A Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
logo
ANADIGICS, Inc
ACA0861ARS7P2 ANADIGICS-ACA0861ARS7P2 Datasheet
952Kb / 16P
   750/860 MHz CATV Line Amplifier MMIC
logo
Skyworks Solutions Inc.
ACA0861ARS7P2 SKYWORKS-ACA0861ARS7P2 Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
logo
ANADIGICS, Inc
ACA0861AS7CTR ANADIGICS-ACA0861AS7CTR Datasheet
952Kb / 16P
   750/860 MHz CATV Line Amplifier MMIC
More results

Similar Description - ACA0861A

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861_08 Datasheet
952Kb / 16P
   750/860 MHz CATV Line Amplifier MMIC
logo
Skyworks Solutions Inc.
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com