Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S2048U-70LT Datasheet(PDF) 3 Page - AMIC Technology

Part # LP62S2048U-70LT
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048U-70LT Datasheet(HTML) 3 Page - AMIC Technology

  LP62S2048U-70LT Datasheet HTML 1Page - AMIC Technology LP62S2048U-70LT Datasheet HTML 2Page - AMIC Technology LP62S2048U-70LT Datasheet HTML 3Page - AMIC Technology LP62S2048U-70LT Datasheet HTML 4Page - AMIC Technology LP62S2048U-70LT Datasheet HTML 5Page - AMIC Technology LP62S2048U-70LT Datasheet HTML 6Page - AMIC Technology LP62S2048U-70LT Datasheet HTML 7Page - AMIC Technology LP62S2048U-70LT Datasheet HTML 8Page - AMIC Technology LP62S2048U-70LT Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LP62S2048-T Series
(August, 2001, Version 1.0)
3
AMIC Technology, Inc.
Pin Description - CSP
Symbol
Description
Symbol
Description
A0 - A17
Address Inputs
NC
No Connection
WE
Write Enable
I/O1 - I/O8
Data Input/Output
OE
Output Enable
VCC
Power Supply
CE1
Chip Enable
GND
Ground
CE2
Chip Enable
--
--
Recommended DC Operating Conditions
(TA = -25
°C to + 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3.0
3.3
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.0
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-


Similar Part No. - LP62S2048U-70LT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048U-70LI AMICC-LP62S2048U-70LI Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048U-70LLI AMICC-LP62S2048U-70LLI Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S2048U-70LT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com