Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S2048AV-70LLI Datasheet(PDF) 5 Page - AMIC Technology

Part # LP62S2048AV-70LLI
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048AV-70LLI Datasheet(HTML) 5 Page - AMIC Technology

  LP62S2048AV-70LLI Datasheet HTML 1Page - AMIC Technology LP62S2048AV-70LLI Datasheet HTML 2Page - AMIC Technology LP62S2048AV-70LLI Datasheet HTML 3Page - AMIC Technology LP62S2048AV-70LLI Datasheet HTML 4Page - AMIC Technology LP62S2048AV-70LLI Datasheet HTML 5Page - AMIC Technology LP62S2048AV-70LLI Datasheet HTML 6Page - AMIC Technology LP62S2048AV-70LLI Datasheet HTML 7Page - AMIC Technology LP62S2048AV-70LLI Datasheet HTML 8Page - AMIC Technology LP62S2048AV-70LLI Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LP62S2048A-I Series
PRELIMINARY
(June, 2002, Version 0.0)
5
AMIC Technology, Inc.
Absolute Maximum Ratings*
VCC to GND . . . . . . . .. . . . . . . . . . . . . -0.5V to + 4.6V
IN, IN/OUT Volt to GND . . . . . . . . . -0.5V to VCC + 0.5V
Operating Temperature, Topr . . . . . . . . -40
°C to + 85°C
Storage Temperature, Tstg . . .. . . . . . . -55
°C to + 125°C
Temperature Under Bias, Tbias .. . . . . . -10
°C to + 85°C
Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . 0.7W
Soldering Temp. & Time . . . . . . . . . . . . . 260
°C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics
(TA = -40
°C to + 85°C, VCC = 2.7V to 3.3V, GND = 0V)
Symbol
Parameter
LP62S2048A-55LLI
LP62S2048A-70LLI
Unit
Conditions
Min.
Max.
Min.
Max.
ILI
Input Leakage Current
-
1
-
1
µA
VIN = GND to VCC
ILO
Output Leakage Current
-
1
-
1
µA
CE1 = VIH or CE2 = VIL
or OE = VIH or WE = VIL
VI/O = GND to VCC
ICC
Active Power Supply
Current
-
3
-
3
mA
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC1
Dynamic Operating
-
25
-
20
mA
Min. Cycle, Duty = 100%
CE1 = VIL, CE2 = VIH
II/O = 0mA
ICC2
Current
-
5
-
5
mA
CE1 = VIL, CE2 = VIH
VIH = VCC, VIL = 0V
f = 1 MHZ, II/O = 0mA
ISB
-
0.5
-
0.5
mA
CE1 = VIH or CE2 =VIL
ISB1
Standby Power Supply
Current
-
10
-
10
µA
CE1
≥ VCC - 0.2V
VIN
≥ 0V
ISB2
-
10
-
10
µA
CE2
≤ 0.2V
VIN
≥ 0V
VOL
Output Low Voltage
-
0.4
-
0.4
V
IOL = 2.1mA
VOH
Output High Voltage
2.2
-
2.2
-
V
IOH = -1.0mA


Similar Part No. - LP62S2048AV-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048AV-70LLT AMICC-LP62S2048AV-70LLT Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S2048AV-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com