Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S2048V-70LT Datasheet(PDF) 2 Page - AMIC Technology

Part # LP62S2048V-70LT
Description  256K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S2048V-70LT Datasheet(HTML) 2 Page - AMIC Technology

  LP62S2048V-70LT Datasheet HTML 1Page - AMIC Technology LP62S2048V-70LT Datasheet HTML 2Page - AMIC Technology LP62S2048V-70LT Datasheet HTML 3Page - AMIC Technology LP62S2048V-70LT Datasheet HTML 4Page - AMIC Technology LP62S2048V-70LT Datasheet HTML 5Page - AMIC Technology LP62S2048V-70LT Datasheet HTML 6Page - AMIC Technology LP62S2048V-70LT Datasheet HTML 7Page - AMIC Technology LP62S2048V-70LT Datasheet HTML 8Page - AMIC Technology LP62S2048V-70LT Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LP62S2048-T Series
(August, 2001, Version 1.0)
2
AMIC Technology, Inc.
Block Diagram
ROW
DECODER
1024 X 2048
MEMORY ARRAY
INPUT DATA
CIRCUIT
COLUMN I/O
CONTROL
CIRCUIT
CE2
CE1
WE
I/O8
I/O1
A17
A16
A15
A0
VCC
GND
OE
Pin Description - SOP
Pin No.
Symbol
Description
1 - 12, 23,
25 - 28, 31
A0 - A17
Address Inputs
13 - 15,
17 - 21
I/O1 - I/O8
Data Input/Outputs
16
GND
Ground
22
CE1
Chip Enable
24
OE
Output Enable
29
WE
Write Enable
30
CE2
Chip Enable
32
VCC
Power Supply
Pin Descriptions - TSOP/TSSOP
Pin No.
Symbol
Description
1 - 4, 7,
9 - 20, 31
A0 - A17
Address Inputs
5
WE
Write Enable
6
CE2
Chip Enable
8
VCC
Power Supply
9
NC
No Connection
21 - 23,
25 - 29
I/O1 - I/O8
Data Input/Outputs
24
GND
Ground
30
CE1
Chip Enable
32
OE
Output Enable


Similar Part No. - LP62S2048V-70LT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048V-70LI AMICC-LP62S2048V-70LI Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048V-70LLI AMICC-LP62S2048V-70LLI Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S2048V-70LT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com