Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82464-A4154-K Datasheet(PDF) 2 Page - EPCOS

Part # B82464-A4154-K
Description  SMT?밣ower?밒nductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82464-A4154-K Datasheet(HTML) 2 Page - EPCOS

  B82464-A4154-K Datasheet HTML 1Page - EPCOS B82464-A4154-K Datasheet HTML 2Page - EPCOS B82464-A4154-K Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mit den Angaben im Datenblatt werden die Bauelemente
spezifiziert, nicht Eigenschaften zugesichert.
Liefermöglichkeiten und technische Änderungen vorbehalten.
2
General technical data
Rated inductance LR
Measured with HP 4294A, measuring voltage 100 mV
Rated current IR
Maximum permissible DC with temperature increase
of
40 K at ambient temperature of 85
°C
Saturation current Isat
Maximum permissible DC with inductance decrease-
∆L/L0 ≈ 10%
Self–resonance frequency fres
Typical self–resonance frequency
measured with network analyzer HP 8753
Climatic category
In accordance with IEC 60068–1 55/125/56
(–55
°C/ +125 °C/ 56 days damp heat test)
Solderability
5s, 235
°C, wetting > 90%
Resistance to soldering heat
acc. to IEC 60068–2–58,
leadfree reflow soldering profile
DC resistance Rmax
Measured at 20
°C ambient temperature
Weight
Approx. 1,5g
Dimensional drawing and layout recommendation
SMT–Power–Inductors
B82464–A4
DATA SHEET
Hugo ist doof BNR
B82464–A4–02–5976
21.07.2003


Similar Part No. - B82464-A4154-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82464-A4154-K EPCOS-B82464-A4154-K Datasheet
77Kb / 3P
   SMT-Power-Inductors
More results

Similar Description - B82464-A4154-K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82477G4223M EPCOS-B82477G4223M Datasheet
41Kb / 3P
   SMT?밣ower?밒nductors
logo
Motorola, Inc
MC44827 MOTOROLA-MC44827 Datasheet
161Kb / 8P
   LOW?밣OWER PLL TUNING CIRCUIT
logo
Continental Device Indi...
BSR18A CDIL-BSR18A Datasheet
150Kb / 4P
   SILICON LOW?밣OWER SWITCHING TRANSISTORS
logo
Motorola, Inc
MC14544B MOTOROLA-MC14544B Datasheet
266Kb / 7P
   CMOS MSI (Low?밣ower Complementary MOS)
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
ON Semiconductor
NTP110N65S3HF ONSEMI-NTP110N65S3HF Datasheet
377Kb / 10P
   MOSFET ?밣ower, N-Channel, SUPERFET III, FRFET 650 V, 30 A, 110 m
June,2019-Rev. 0
NTPF110N65S3HF ONSEMI-NTPF110N65S3HF Datasheet
308Kb / 10P
   MOSFET ?밣ower, N-Channel, SUPERFET III, FRFET 650 V, 30 A, 110 m
June, 2019-Rev. 0
logo
OSRAM GmbH
LRQH9F OSRAM-LRQH9F Datasheet
465Kb / 15P
   SMT package, standard SMT
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Advanced Crystal Techno...
ACTR9041 ACT-ACTR9041 Datasheet
232Kb / 5P
   SMT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com