Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805ZA101BA72A Datasheet(PDF) 3 Page - AVX Corporation

Part # 0805ZA101BA72A
Description  C0G (NP0) Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805ZA101BA72A Datasheet(HTML) 3 Page - AVX Corporation

  0805ZA101BA72A Datasheet HTML 1Page - AVX Corporation 0805ZA101BA72A Datasheet HTML 2Page - AVX Corporation 0805ZA101BA72A Datasheet HTML 3Page - AVX Corporation 0805ZA101BA72A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
16
25
16
25
50
6.3
25
50
100
16
25
50
100
200
16
25
50
100
200
500
Cap
0.5
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
(pF)
1.0
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.2
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.5
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.8
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.2
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.7
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.3
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.9
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
4.7
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
5.6
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
6.8
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
8.2
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
10
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
12
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
15
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
18
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
22
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
27
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
33
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
39
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
47
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
56
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
68
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
82
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
JJJ
100
A
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
120
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
150
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
180
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
220
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
270
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
330
G
G
G
G
J
J
J
J
M
J
J
J
J
J
M
390
G
G
G
J
J
J
J
M
J
J
J
J
J
M
470
G
G
G
J
J
J
J
M
J
J
J
J
J
M
560
G
G
G
J
J
J
J
M
J
J
J
J
J
M
680
G
G
G
J
J
J
J
J
J
J
J
J
P
820
G
G
G
J
J
J
J
J
J
J
J
M
1000
G
G
G
J
J
J
J
J
J
J
J
Q
1200
JJ
J
J
J
J
J
Q
1500
JJ
J
J
J
J
M
Q
1800
JJ
J
J
J
M
M
2200
JJ
M
J
J
M
P
2700
JJ
M
J
J
M
P
3300
JJ
M
P
3900
JJ
M
P
4700
JJ
M
P
5600
JJ
M
6800
MM
8200
MM
Cap
0.010
MM
(µF)
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.068
0.082
0.1
WVDC
10
16
25
16
25
50
6.3
25
50
100
16
25
50
100
200
16
25
50
100
200
500
SIZE
0201
0402
0603
0805
1206
L
W
T
t


Similar Part No. - 0805ZA101BA72A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZA101BA72A AVX-0805ZA101BA72A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
0805ZA101BA72A AVX-0805ZA101BA72A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
0805ZA101BA72A AVX-0805ZA101BA72A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
logo
List of Unclassifed Man...
0805ZA101BA72A ETC2-0805ZA101BA72A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
logo
AVX Corporation
0805ZA101BA72A AVX-0805ZA101BA72A Datasheet
124Kb / 4P
   General Specifications
More results

Similar Description - 0805ZA101BA72A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7KAT2A AVX-04025A4R7KAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A3R9D4T2A AVX-06031A3R9D4T2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3BAT2A AVX-06031A4R3BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3CAT2A AVX-06031A4R3CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R2CAT2A AVX-04023A2R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R7BAT2A AVX-04023A2R7BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A3R3DAT2A AVX-04023A3R3DAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com