Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXO3MHG Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CXO3MHG
Description  High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXO3MHG Datasheet(HTML) 2 Page - STATEK CORPORATION

  CXO3MHG_12 Datasheet HTML 1Page - STATEK CORPORATION CXO3MHG_12 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFICA
T
01
10172 Rev C
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available. Please contact factory.
Supply Voltage1
3.3 V 10%
Calibration Tolerance2
100 ppm
Frequency Stability
50 ppm for Commercial
Over Temperature3
100 ppm for Industrial
100 ppm for Military
Supply Current (Typical)
10 MHz
2 mA
24 MHz
4 mA
30 MHz
6 mA
40 MHz
8 mA
50 MHz 10 mA
Output Load (CMOS)4
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
6 ns MAX
Duty Cycle
40% MIN, 60% MAX
Aging, first year
10 ppm MAX
Shock, survival5
10,000 g, 0.3 ms, 1/2 sine
Vibration, survival6
20 g, 10-2,000 Hz swept sine
Operating Temp Ranges -10OC to +70OC
(Commercial)
-40OC to +85OC
(Industrial)
-55OC to +125OC (Military)
1. Other voltages available. For 5.0 V, see CXOMHG data sheet. For others,
contact factory.
2. Other tolerances available.
3. Does not include calibration tolerance. Other tolerances available.
4. Higher CMOS loads and TTL loads available. Contact factory.
5. Higher shock version available. Contact factory for requirements above 10,000 g.
6. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also
available.
Note: All parameters are measured at ambient temperature with a 10 MΩ, 15 pF load.
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER CXO3MHG SURFACE MOUNT CRYSTAL OSCILLATORS
“S” if special or
custom design;
otherwise blank.
CXO3MHG
S
N
SM3
32.0M ,
100
/
100
/
/
I
Frequency
K = kHz
M = MHz
Enable/Disable Option
E, T*, or N
Terminations
Blank = SM1
=Gold Plated
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
//
200
/
I
Temp. Range:
C= -10OC to +70OC
I =-40OCto+85OC
M= -55OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
C= -10OC to +70OC
I =-40OCto+85OC
M= -55OC to +125OC
S= Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
OR
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5 V to 7.0 V
Storage Temperature
-55OC to +125OC
Maximum Process Temperature 260OC for 20 seconds
*The supply voltage range is -0.5 V to +4.0 V for some products. Contact Factory.
PACKAGING OPTIONS
CXO3MHG - Tray Pack
- 16 mm tape, 7˝ or 13˝ reels
Per EIA 418 (see Tape and Reel data sheet 10109)
ET
When enabled (PIN 1 is high*)
Output
Freq. output
Freq. output
Oscillator
Oscillates
Oscillates
Current consumption
Normal
Normal
When disabled (PIN 1 is low)
Output
High Z state
High Z state
Oscillator
Stops
Oscillates
Current consumption
Very low
Lower than normal
When re-enabled (PIN 1 changes from low to high)
Output recovery
Delayed
Immediate
ENABLE/DISABLE OPTIONS (E/T/N)
Statek offers three enable/disable options: E, T, and N.
Both the E-version and T-version have Tri-State outputs and
differ in whether the oscillator continues to run internally
when the output is put into the high Z state: it stops in the
E-version and continues to run in the T-version. So, the E-
version offers very low current consumption when the
oscillator is disabled and the T-version offers very fast output
recovery when the oscillator is re-enabled. The N-version
does not have PIN 1 connected internally and so has no
enable/disable capability. The following table summarizes
the three options.
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
COMPARISON OF
ENABLE/DISABLE OPTIONS E AND T
*The T-version is not available for all frequencies. Contact factory.


Similar Part No. - CXO3MHG_12

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXO3MHG STATEK-CXO3MHG Datasheet
242Kb / 2P
   High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
logo
IQD Frequency Products ...
CXO3MHG IQD-CXO3MHG Datasheet
129Kb / 2P
   Crystal Clock Oscillator Specification
More results

Similar Description - CXO3MHG_12

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXO3MHG STATEK-CXO3MHG Datasheet
242Kb / 2P
   High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXOMHG STATEK-CXOMHG_12 Datasheet
406Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXO3M STATEK-CXO3M_12 Datasheet
295Kb / 2P
   Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXO3M STATEK-CXO3M Datasheet
230Kb / 2P
   Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
HFXO STATEK-HFXO Datasheet
127Kb / 2P
   High Precision & High Shock, Low Profile Miniature Surface Mount Crystal Oscillator
CX3HGSM STATEK-CX3HGSM_09 Datasheet
137Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount AT Quartz Crystal
HGXO STATEK-HGXO Datasheet
87Kb / 2P
   High Shock Surface Mount Crystal Oscillator
CXOM STATEK-CXOM Datasheet
230Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com