Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTR24DW103M Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # RTR24DW103M
Description  SMT Trimmers - Product Selection Guide
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RTR24DW103M Datasheet(HTML) 6 Page - Bourns Electronic Solutions

Back Button RTR24DW103M Datasheet HTML 2Page - Bourns Electronic Solutions RTR24DW103M Datasheet HTML 3Page - Bourns Electronic Solutions RTR24DW103M Datasheet HTML 4Page - Bourns Electronic Solutions RTR24DW103M Datasheet HTML 5Page - Bourns Electronic Solutions RTR24DW103M Datasheet HTML 6Page - Bourns Electronic Solutions RTR24DW103M Datasheet HTML 7Page - Bourns Electronic Solutions RTR24DW103M Datasheet HTML 8Page - Bourns Electronic Solutions RTR24DW103M Datasheet HTML 9Page - Bourns Electronic Solutions RTR24DW103M Datasheet HTML 10Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
10
100
2.40
20
200
1.90
50
500
1.40
100
101
1.00
200
201
0.86
500
501
0.89
1,000
102
0.72
2,000
202
0.58
5,000
502
0.43
10,000
103
0.34
20,000
203
0.31
50,000
503
0.24
Specifications are subject to change without notice.
10
Features
s
1-1/4” Rectangular / Multiturn
Wirewound / Industrial / Sealed
s
Panel mount option available
(see page 72 for details)
Electrical Characteristics
Standard Resistance Range
.....................................10 to 50K ohms
(see standard resistance table)
Resistance Tolerance ...............±5% std.
(tighter tolerance available)
Absolute Minimum Resistance
..............................0.1% or 1 ohm max.
(whichever is greater)
Noise ......................100 ohms ENR max.
Resolution .............See Resistance Table
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ...............................1,500 vac
70,000 Feet...............................400 vac
Adjustment Travel .............22 turns nom.
Environmental Characteristics
Power Rating @ 70°C....................1 watt
Power Rating @ 150°C..................0 watt
Temperature Range ......-55°C to +150°C
Temperature Coefficient .......±50ppm/°C
Seal Test ........................85°C Fluorinert*
(pin styles only)
Humidity........MIL-STD-202 Method 106
96 hours
2%
∆TR, 100 Megohms IR)
Vibration .................30G (1%
∆TR; 0.5%
+ resolution
∆VR)
Shock ...................100G (1%
∆TR; 0.5%
+ resolution
∆VR)
Load Life .....1,000 hours 1 watt @ 70°C
(2%
∆TR)
Rotational Life........200 cycles (2%
∆TR)
Physical Characteristics
Torque .............................5.0 oz-in. max.
Mechanical Stops..................Wiper idles
Terminals .........Solderable pins and lugs
Flexible leads ......(7 strands of 30 AWG)
Weight ........................................0.10 oz.
Marking .........Manufacturer’s trademark,
resistance code, terminal numbers,
date code, manufacturer’s model
number and style
Wiper ...............................Set at CW end
Flammability ...........................U.L. 94V-0
Standard Packaging
P&Y Style ....................10 pcs. per tube
L&J Style ......................25 pcs. per bag
Adjustment Tool ..............................H-90
7.62
(.300)
17.78
(.700)
6.35
(.250)
2
3
12.70
± .79
(.500
± .031)
3057Y
1
2.54
(.100)
2.54
(.100)
.71
± .03
(.028
± .001)
DIA. TYP.
3.18
(.125 )
31.75
(1.25)
25.4
(1.000)
1.47
± .56
(.058
± .022)
2.36
(.093)
MTG. HOLES (2)
LEADS
MIN. LENGTH
6.10
(.240)
6.10
(.240)
4.83
(.190)
8.00
± .38
(.315
± .015)
2.67
(.105 )
3.43
± .38
(.135
± .015)
3057L
Common Dimensions
17.78
(.700)
22.86
(.900)
6.60
(.260)
2
1
3
12.70
± .79
(.500
± .031)
3057P
2
1
3
3057J
3.80
(.150)
2.54
(.100)
17.78
(.700)
7.62
(.300)
6.35
(.250)
DIA.
TYP.
TYP.
152.4
(6.000)
ADJ. SLOT
2.92
± .38
(.115
± .015)
.64
(.025)
.79
(.031)
WIDE
X
X
DEEP
DIA.
.71
± .03
(.028
± .001)
DIA. TYP.
.71
± .03
(.028
± .001)
DIA. TYP.
Standard Resistance Table
How To Order
3057 L - 1 - 103 M
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
M = Panel Mount
(Factory Installed)
1
3 GREEN
CW
CLOCKWISE
YELLOW
CCW
2 WIPER
RED
Popular values listed in boldface. Special
resistances available.
SHADED AREAS TYPICALLY NOT STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.
3057 - Trimpot
® Trimming Potentiometer
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
*”FLUORINERT” IS A REGISTERED TRADEMARK OF 3M CO.


Similar Part No. - RTR24DW103M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RTR24DP103M BOURNS-RTR24DP103M Datasheet
124Kb / 1P
   Multiturn / Wirewound / Industrial / Sealed
RTR24DP202M BOURNS-RTR24DP202M Datasheet
187Kb / 1P
   Square Trimpot Trimming Potentiometer
More results

Similar Description - RTR24DW103M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com