Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C9111GAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0402C9111GAC
Description  Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C9111GAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0402C9111GAC Datasheet HTML 1Page - Kemet Corporation C0402C9111GAC Datasheet HTML 2Page - Kemet Corporation C0402C9111GAC Datasheet HTML 3Page - Kemet Corporation C0402C9111GAC Datasheet HTML 4Page - Kemet Corporation C0402C9111GAC Datasheet HTML 5Page - Kemet Corporation C0402C9111GAC Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
As detailed in the KEMET Surface Mount Catalog F3102 for C0G, with following specific requirements based on room
temperature (25°C) parameters:
Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 30 PPM/°C over that range.
Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 1000 megohm microfarads or
100G
Ω, whichever is less.
Capacitance and Dissipation Factor (DF) measured at the following conditions.
Capacitance - 1 kHz and 1 vrms if capacitance >1000 pF
1 MHz and 1 vrms if capacitance
≤ 1000 pF
DF Limit is 0.1%.
Components are suitable for wave and IR reflow soldering except extended 1210 values which are suitable
for IR reflow only. All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of
pure tin to provide excellent solderability as well as resistance to leaching. (Please refer to KEMET catalog
F3102 for additional soldering information and recommendations.)
These chips will be supplied unmarked. However, marking is available as an extra cost option.
AEC-Q200 Rev. C - Automotive
RoHS 6/6 - 100% tin termination
Electrical Parameters
Soldering Process
Marking
Qualification/Certification
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors.
The information in this bulletin supplements that in the catalog.


Similar Part No. - C0402C9111GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C911J5GACTU KEMET-C0402C911J5GACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 910 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0402C9111GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C223K3RAC KEMET-C0402C223K3RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C1210C184K3HAC KEMET-C1210C184K3HAC Datasheet
337Kb / 4P
   Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com