Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N25-5600E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # 4N25-5600E
Description  Phototransistor Optocoupler General Purpose Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N25-5600E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  4N25-5600E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 4N25-5600E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 4N25-5600E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N25-5600E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N25-5600E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N25-5600E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N25-5600E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
4N25 Test Circuit 1
VCC
RD
INPUT
RL
OUTPUT
INPUT
OUTPUT
10%
90%
t
t
t
t
f
s
r
d
Test Circuit for Response Time
Test Circuit for Frequency Response
4N25 Test Circuit 1
VCC
RD
RL
OUTPUT
~
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes 5989-1733EN
AV02-0412EN - October 18, 2007


Similar Part No. - 4N25-5600E

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
4N25-G CTMICRO-4N25-G Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Lite-On Technology Corp...
4N25-V LITEON-4N25-V Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Vishay Siliconix
4N25-X VISHAY-4N25-X Datasheet
166Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.2, 16-Jan-12
4N25-X VISHAY-4N25-X Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
More results

Similar Description - 4N25-5600E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35-500E AVAGO-4N35-500E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
   Phototransistor Optocoupler General Purpose Type
4N35 AVAGO-4N35 Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type UL approved
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com