Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD683KE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # OD683KE
Description  OD/OF/OA Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

OD683KE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  OD683KE Datasheet HTML 1Page - Ohmite Mfg. Co. OD683KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
OD/OF/OA Series
Little Demon® Carbon Composition Molded
OD/OF Series (5% Tol.) OA Series (10%)
Series Wattage
Ohms
Tolerance Max. Voltage Dielectric VAC
OD
0.25
2.2-5.6M
±5%
250
500
OF
0.50
2.2-20M
±5%
350
700
OA
1.00
2.2-1M
±10%
500
1000
Series Length max.
Diam. max.
Lead Dia.
OD
0.276 / 7.0
0.098 / 2.5 0.024/0.60
OF
0.406 /10.3
0.150 / 3.8 0.028/0.70
OA
0.591 /15.0
0.236 / 6.0 0.035/0.92
L
D
1.135"
±0.12 / 28.83mm ±3
(OA: 1.18" / 30.0mm)
Terminals Solder-coated copper terminal.
Body Molded Phenolic
Tolerance ±5% (OD/OF); ±10% (OA)
Derating Linearly from 100% @ +70°C to 0% @ 130°C
1
10
100
1,000
10,000
100,000
Pulse width (s)
1
10-1
10-2
10-3
10-4
10-5
10-6
10-7
Single Pulse Power Capability
OF
OD
Ohmite’s Little Demons are small, reliable carbon
composition resistors with exceptional strength.
They are made tough by a molding process that
combines the terminals, insulation and resistive ele-
ment into an integrated unit. Along with their small
size, Little Demons perform with low noise, dissipate
heat rapidly and offer high temperature stability.
Color codes are readable even after prolonged use
thanks to a very durable coating that resists abra-
sions and chipping normally associated with auto-
matic insertion equipment.
Fe A ture S
•Moldedinsulationforhighdielectricstrength
•Ruggedconstruction
•Highsurgecapabilities
•Comparableto“Mil”RC07,RC20,andRC32types
•OD/OFSeriesavailableinE24values
•OASeriesavailableinE12values
Serie S S pec F ic Ati O n S
c h A r A cteri S tic S
Dimen S i O n S
CompoSition
axial


Similar Part No. - OD683KE

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD600 ORIONFANS-OD600 Datasheet
5Mb / 8P
   AC & EC FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
OD6010 ORIONFANS-OD6010 Datasheet
5Mb / 8P
   AC & EC FANS
OD6010-05L ORIONFANS-OD6010-05L Datasheet
100Kb / 1P
   FAN
OD6010-05L ORIONFANS-OD6010-05L Datasheet
454Kb / 1P
   DC Fan - 5V, 12V 60x10mm (2.36?쓝 0.39??
More results

Similar Description - OD683KE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
130JE ETC2-130JE Datasheet
124Kb / 1P
   Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
logo
Ohmite Mfg. Co.
7071 OHMITE-7071 Datasheet
124Kb / 1P
   Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF102JE OHMITE-OF102JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF100JE OHMITE-OF100JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF750JE OHMITE-OF750JE Datasheet
306Kb / 2P
   Little Demon Carbon Composition Molded OD/OF Series (5 Tol.) OA Series (10)
OD103JE OHMITE-OD103JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
OF820JE OHMITE-OF820JE Datasheet
306Kb / 2P
   Little Demon짰 Carbon Composition Molded OD/OF Series (5% Tol.) OA Series (10%)
logo
List of Unclassifed Man...
M801 ETC-M801 Datasheet
219Kb / 1P
   OD M801
logo
NIHON DEMPA KOGYO
NX2016HA NDK-NX2016HA Datasheet
666Kb / 1P
   For OA / AV
NX5032GB NDK-NX5032GB_15 Datasheet
296Kb / 1P
   For OA / AV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com